Electronic Components Datasheet Search
  English  ▼

X  

X9259 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X9259
Description  Quad Digitally-Controlled (XDCP) Potentiometers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9259 Datasheet(HTML) 3 Page - Xicor Inc.

  X9259 Datasheet HTML 1Page - Xicor Inc. X9259 Datasheet HTML 2Page - Xicor Inc. X9259 Datasheet HTML 3Page - Xicor Inc. X9259 Datasheet HTML 4Page - Xicor Inc. X9259 Datasheet HTML 5Page - Xicor Inc. X9259 Datasheet HTML 6Page - Xicor Inc. X9259 Datasheet HTML 7Page - Xicor Inc. X9259 Datasheet HTML 8Page - Xicor Inc. X9259 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
X9259
Characteristics subject to change without notice.
3 of 25
REV 1.2.3 4/30/02
www.xicor.com
PIN CONFIGURATION
PIN ASSIGNMENTS
Note 1: A0-A3 Device address pins must be tie to a logic level.
Pin
(SOIC/TSSOP)
Pin
(XBGA)
Symbol
Function
2
F2
A0
Device Address for 2-Wire bus. (See Note 1)
3F1
RW3
Wiper Terminal for Potentiometer 3.
4D2
RH3
High Terminal for Potentiometer 3.
5E1
RL3
Low Terminal for Potentiometer 3.
6
E2
NC1
Must be left unconnected
7C1
VCC
System Supply Voltage
8B1
RL0
Low Terminal for Potentiometer 0.
9C2
RH0
High Terminal for Potentiometer 0.
10
A1
RW0
Wiper Terminal for Potentiometer 0.
11
A2
A2
Device Address for 2-Wire bus. (See Note 1)
12
B2
WP
Hardware Write Protect
13
B3
SDA
Serial Data Input/Output for 2-Wire bus.
14
A3
A1
Device Address for 2-Wire bus. (See Note 1)
15
A4
RL1
Low Terminal for Potentiometer 1.
16
C3
RH1
High Terminal for Potentiometer 1.
17
B4
RW1
Wiper Terminal for Potentiometer 1.
18
C4
VSS
System Ground
20
E4
RW2
WiperTerminal for Potentiometer 2.
21
D3
RH2
High Terminal for Potentiometer 2.
22
F4
RL2
Low Terminal for Potentiometer 2.
23
F3
SCL
Serial Clock for 2-Wire bus.
24
E3
A3
Device Address for 2-Wire Bus. (See Note 1)
6, 19
D1, D4
NC
No Connect
1
E2
NC1
Must be left unconnected
NC1
A0
RW3
NC
VCC
RL0
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
A3
SCL
RL2
RH2
RW2
NC
VSS
RW1
RH1
RL1
SOIC/TSSOP
X9259
RH3
14
13
11
12
RL3
RH0
RW0
A2
A1
SDA
WP
2
3
4
A
B
C
D
E
F
Top View–Bumps Down
RW0
RL0
NC
A0
A3
RL1
VCC
RL3
RW3
NC1
SDA
RW1
SCL
RL2
WP
NC
RH0
RH1
RH3
VSS
RW2
A2
A1
1
XBGA
RH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com