Electronic Components Datasheet Search
  English  ▼

X  

AP1509 Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # AP1509
Description  150KHz 2A PWM Buck DC/DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

AP1509 Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  AP1509 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd AP1509 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd AP1509 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd AP1509 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd AP1509 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd AP1509 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AP1509
3/6
ABSOLUTE MAXI MUM RATINGS
Characteristics
Symbol
Value
Unit
Supply Voltage
VCC
+40
V
ON/OFF pin input voltage
VSD
-0.3~+18
V
Feedback pin voltage
VFB
-0.3~+18
V
Output voltage to ground
VOUT
-1
V
Power dissipation
PD
Internally limited
W
Storage temperature
Tstg
-65~+150
°C
Operating temperature
Topr
-40~+125*
°C
Operating voltage
VOP
+4.5~+22
V
ELECTRI CAL CH ARACTERISTICS
(Refer to the test circuit, VIN=12V for 3.3V,5V,adjustable version and VIN=18V for the 12V
version,ILOAD=0.5A)
Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
Feedback bias current
IFB
VFB=1.3V
(Adjustable version only)
-10
-50
nA
-100
Oscillator frequency
Fosc
127
150
173
KHz
110
173
Saturation voltage
VSAT
IOUT=2A
No outside circuit
VFB=0V force driver on
1.25
1.4
V
1.5
Max.duty cycle(ON)
DC
VFB=0V force driver on
100
%
Min. duty cycle(OFF)
VFB=12V force driver off
0
Current limit
ICL
Peak current
No outside circuit
VFB=0V force driver on
3
A
Output leakage current
(output=0)
IL
No outside circuit
VFB=12V force driver off
-200
μA
Output leakage current
(output=-1)
VIN=36V
-5
mA
Quiescent current
IQ
VFB=12V force driver off
5
10
mA
Standby
quiescent
current
ISTBY
ON/OFF pin=5V
VIN=36V
70
150
μA
200
ON/OFF
pin
logic
input
threshold
voltage
VIL
Low(regulator ON)
1.3
0.6
V
VIH
High(regulator OFF)
2.0
ON/OFF
pin
logic
input current
IH
VLOGIC=2.5V(OFF)
7
20
μA
ON/OFF
pin
input
current
IL
VLOGIC=0.5V(ON)
0.01
10
Thermal resistance
ӨJC
Junction to case
15
°C/W
Thermal
resistance
with copper area of
approximately 3 in2
ӨJA
Junction to ambient
70
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com