Electronic Components Datasheet Search
  English  ▼

X  

AP1509 Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # AP1509
Description  150KHz 2A PWM Buck DC/DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

AP1509 Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  AP1509 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd AP1509 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd AP1509 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd AP1509 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd AP1509 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd AP1509 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AP1509
5/6
Thermal Co nsiderati ons
The SOP8 package needs a heat sink under most conditions. The size of the heatsink
depends on the input voltage, the output voltage, the load current and the ambient
temperature. The
AP1509 junction temperature rises above ambient temperature for a2A load
and different input and output voltages. The data for these curves was taken with the
AP1509
(SOP8 package) operating as a buck-switching regulator in an ambient temperature of 25oC
(still air). These temperature increments are all approximate and are affected by many
factors. Higher ambient temperatures requires more heat sinker.
For the best thermal performance, wide copper traces and generous amounts of printed
circuit board copper should be used in the board layout. (One exception is the output
(switch) pin, which should not have large areas of copper.) Large areas of copper provide
the best transfer of heat(lower thermal resistance) to the surrounding air, and moving air
lowers the thermal resistance even further.
Package thermal resistance and junction temperature increments are all approximate.
The increments are affected by a lot of factors. Some of these factors include board size,
shape, thickness, position, location, and even board temperature. Other factors are, trace
width, total printed circuit copper area, copper thickness, single or double-sided,
multi-layer board and the amount of solder on the board.
The effectiveness of the PC board to dissipate heat also depends on the size, quantity
and spacing of other components on the board, as well as whether the surrounding air is
still or moving. Furthermore, some of these components such as the catch diode will add
heat to the PC board and the heat can vary as the input voltage changes. For the inductor,
depending on the physical size, type of core material and the DC resistance, it could either
act as a heat sink taking heat away from the board, or it could add heat to the board.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com