Electronic Components Datasheet Search
  English  ▼

X  

2SA2027 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 2SA2027
Description   SILICON EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SA2027 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  2SA2027 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SA2027 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2SA2027 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2SA2027 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA2027
シリコンPNPエピタキシァル形
低周波電力増幅用
利得帯域幅積−エミッタ電流特性
1
10
100
1
10
100
エミッタ電流 IE(mA)
Ta=25℃
VCE=-10V
コレクタ出力容量−コレクタ・エミッタ間電圧特性
1
10
100
-0.1
-1
-10
-100
コレクタ・ベース間電圧 VCB(V)
Ta=25℃
IE=0mA
f=1MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com