Electronic Components Datasheet Search
  English  ▼

X  

2SC5774 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5774
Description  140V / 10A, AF70W Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5774 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5774 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5774 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5774 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5774 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA2062 / 2SC5774
No.6987-1/4
Features
•
Large current capacitance.
•
Wide ASO and high durability against breakdown.
•
Adoption of MBIT process.
Specifications Note*( ) : 2SA2062
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(-)160
V
Collector-to-Emitter Voltage
VCEO
(-)140
V
Emitter-to-Base Voltage
VEBO
(-)6
V
Collector Current
IC
(-)10
A
Collector Current (Pulse)
ICP
(-)20
A
Collector Dissipation
PC
2.5
W
Tc=25
°C110
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=(--)160V, IE=0
(--)0.1
mA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0
(--)0.1
mA
DC Current Gain
hFE(1)
VCE=(--)5V, IC=(--)1A
60
160
hFE(2)
VCE=(--)5V, IC=(--)5A
35
Gain-Bandwidth Product
fT
VCE=(--)5V, IC=(--)1A
(10)15
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(280)140
pF
Base-to-Emitter Voltage
VBE
VCE=(--)5V, IC=(--)5A
1.5
V
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)5A, IB=(--)0.5A
(--0.3)0.2
(--)2.0
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)5mA, IE=0
(--)160
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)50mA, RBE=∞
(--)140
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)5mA, IC=0
(--)6
V
Turn-On Time
ton
See specified test circuit.
(0.45)0.56
µs
Storage Time
tstg
See specified test circuit.
(1.75)3.3
µs
Fall Time
tf
See specified test circuit.
(0.25)0.4
µs
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN6987A
D1503 TS IM TA-100929 / 62501 TS IM TA-3317, 3318
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
2SA2062 / 2SC5774
PNP Epitaxial Planar Silicon Transistor
NPN Triple Diffused Planar Silicon Transistor
140V / 10A, AF70W
Output Applications


Similar Part No. - 2SC5774

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5772 HITACHI-2SC5772 Datasheet
90Kb / 13P
Silicon NPN Epitaxial UHF / VHF wide band amplifier
logo
Renesas Technology Corp
2SC5772 RENESAS-2SC5772 Datasheet
137Kb / 13P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
logo
New Jersey Semi-Conduct...
2SC5772 NJSEMI-2SC5772 Datasheet
82Kb / 2P
Silicon NPN RF Transistor
logo
Inchange Semiconductor ...
2SC5772 ISC-2SC5772 Datasheet
257Kb / 10P
High Gain Bandwidth Product
logo
Renesas Technology Corp
2SC5772FR-TL-E RENESAS-2SC5772FR-TL-E Datasheet
137Kb / 13P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
More results

Similar Description - 2SC5774

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB817 SANYO-2SB817 Datasheet
116Kb / 4P
140V/12A, AF 60W Output Applications??????
2SD2639 SANYO-2SD2639 Datasheet
29Kb / 4P
140V / 12A, AF 60W Output Applications
logo
Linear Technology
LTC6090 LINER-LTC6090 Datasheet
537Kb / 24P
140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6091 LINER-LTC6091_15 Datasheet
545Kb / 22P
Dual 140V, Rail-to-Rail Output, Picoamp Input Current Op Amp
logo
Diodes Incorporated
FZT955 DIODES-FZT955_16 Datasheet
615Kb / 7P
140V PNP MEDIUM POWER TRANSISTOR
Rev 6
logo
Sanyo Semicon Device
2SB817C SANYO-2SB817C Datasheet
450Kb / 2P
140V / 12A, AF 80W Output Applications
2SD1047 SANYO-2SD1047 Datasheet
127Kb / 4P
140V/12A AF 60W Output Applications
logo
TiMOTION Technology Co....
TC12 TIMOTION-TC12 Datasheet
1Mb / 8P
Max. output 24VDC, 10A
20230925-P
TC12AC TIMOTION-TC12AC Datasheet
1Mb / 7P
Max. output 24VDC, 10A
20210220-D
TC20 TIMOTION-TC20 Datasheet
260Kb / 3P
Max. output 24VDC, 10A
20191108-D
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com