Electronic Components Datasheet Search
  English  ▼

X  

2SC5774 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5774
Description  140V / 10A, AF70W Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5774 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5774 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5774 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5774 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5774 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA2062 / 2SC5774
No.6987-2/4
Package Dimensions
Switching Time Test Circuit
unit : mm
2022A
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-3PB
15.6
14.0
1.6
1.0
2.0
0.6
3.2
4.8
2.0
0.6
5.45
5.45
1
2
3
VR
RB
VCC=50V
VBE= --5V
+
+
50
Ω
INPUT
OUTPUT
RL=
10
Ω
100
µF
470
µF
PW=20
µs
IB1
D.C.
≤1%
IB2
IC=10IB1= --10IB2=5A
For PNP, the polarity is reversed.
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
0
1
2
3
4
5
6
7
8
2
4
6
8
10
12
14
16
18
20
0123456789
10
IT03410
0
0
--2
--4
--6
--8
--10
--12
--14
--16
0
--1
--2
--3
--4
--5
--6
--7
--8
--9
--10
2SA2062
2SC5774
IT03411
0
--0.5
--1.0
--1.5
IT03412
0
--1
--2
--3
--4
--5
--6
--7
--8
2SA2062
VCE= --5V
IT03413
0
0.4
0.8
1.2
0.6
0.2
1.0
--500mA
--400mA
--300mA
--200mA
--100mA
--40mA
--20mA
IB=0
500mA
400mA
300mA
200mA
100mA
20mA
40mA
IB=0
2SC5774
VCE=5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com