Electronic Components Datasheet Search
  English  ▼

X  

HT37B70 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT37B70
Description  HT37B90
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT37B70 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT37B70 Datasheet HTML 1Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 2Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 3Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 4Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 5Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 6Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 7Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 8Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
PadName
I/O
Configuration
Option
Function
AUD_IN
I
¾
PowerAmp.inputpin
VBIAS
O
¾
PowerAmp.voltagebiasreferencepin.
RES
I
¾
Schmitt Triggerresetinput,activelow
OSC1
OSC2
I
O
CrystalorRC
OSC1, OSC2 are connected to an external RC network or external crystal,
determined by configuration option, for the internal system clock. If the RC
system clock option is selected, pin OSC2 can be used to measure the sys-
temclockat1/8frequency.
Note:
1.EachpinonPA canbeprogrammedthroughaconfigurationoptiontohaveawake-upfunction.
2.Individualpinscanbeselectedtohavepull-highresistors.
3.BecausethetwotimersareusedbyMIDItheexternaltimerpinfunctionsaredisabled.
AbsoluteMaximumRatings
SupplyVoltage ..........................VSS-0.3V to VSS+5.5V
StorageTemperature ...........................
-50°Cto125°C
InputVoltage .............................VSS-0.3Vto VDD+0.3V
OperatingTemperature ..........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................-100mA
TotalPowerDissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C.Characteristics
Ta=25
°C
Symbol
Parameter
TestConditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
OperatingVoltage
¾
fOSC=12.8MHz(37B50/30)
2.4
3.0
5.5
V
fOSC=12.8MHz(37B90/70)
3.0
¾
5.5
V
IDD
OperatingCurrent
(Crystal OSC orRC OSC)
3V
Noload,
fOSC=8MHz~12.8MHz,
DAC disable
¾
8
12
mA
5V
¾
20
30
mA
ISTB1
StandbyCurrent(WDT Disable)
3V
Noload,systemHALT,
WDT disable
¾
¾
1
mA
5V
¾
¾
2
mA
ISTB2
StandbyCurrent(WDT Enable)
3V
Noload,systemHALT,
WDT enable
¾
¾
5
mA
5V
¾
¾
10
mA
VIL1
InputLowVoltageforI/OPorts
¾
¾
0
¾
0.3VDD
V
VIH1
InputHighVoltageforI/OPorts
¾
¾
0.7VDD
¾
VDD
V
VIL2
InputLowVoltage(RES)
¾
¾
0
¾
0.4VDD
V
VIH2
InputHighVoltage(RES)
¾
¾
0.9VDD
¾
VDD
V
IOL
I/OPortSegmentLogicOutput
SinkCurrent
3V
VOL=0.1VDD
6
12
¾
mA
5V
10
25
¾
mA
IOH
I/OPortSegmentLogicOutput
SourceCurrent
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-8
¾
mA
HT37B90/HT37B70/HT37B50/HT37B30
Rev.1.00
5
June22,2017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com