Electronic Components Datasheet Search
  English  ▼

X  

HT37B70 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT37B70
Description  HT37B90
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT37B70 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT37B70 Datasheet HTML 5Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 6Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 7Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 8Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 9Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 10Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 11Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 12Page - Holtek Semiconductor Inc HT37B70 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
HT37B90/HT37B70/HT37B50/HT37B30
Rev.1.00
9
June22,2017
SystemArchitecture
A key factor in the high-performance features of the
Holtek range of Music Type microcontrollers is attrib-
uted to the internal system architecture. The range of
devices take advantage of the usual features found
within RISC microcontrollers providing increased speed
of operation and enhanced performance. The pipelining
scheme is implemented in such a way that instruction
fetching and instruction execution are overlapped,
hence instructions are effectively executed in one cycle,
with the exception of branch or call instructions. An 8-bit
wide ALU is used in practically all operations of the in-
struction set. It carries out arithmetic operations, logic
operations, rotation, increment, decrement, branch de-
cisions, etc. The internal data path is simplified by mov-
ing data through the Accumulator and the ALU. Certain
internal registers are implemented in the Data Memory
and can be directly or indirectly addressed. The simple
addressing methods of these registers along with addi-
tional architectural features ensure that a minimum of
external components is required to provide a functional
I/O and A/D control system with maximum reliability and
flexibility.
ClockingandPipelining
The main system clock, derived from either a Crys-
tal/Resonator or RC oscillator. The oscillator frequency
divided by 2 is subdivided into four internally generated
non-overlapping clocks, T1~T4. The Program Counter
is incremented at the beginning of the T1 clock during
which time a new instruction is fetched. The remaining
T2~T4 clocks carry out the decoding and execution
functions. In this way, one T1~T4 clock cycle forms one
instruction cycle. Although the fetching and execution of
instructions takes place in consecutive instruction cy-
cles, the pipelining structure of the microcontroller en-
sures that instructions are effectively executed in one
instruction cycle. The exception to this are instructions
where the contents of the Program Counter are
changed, such as subroutine calls or jumps, in which
case the instruction will take one more instruction cycle
to execute. When the RC oscillator is used, OSC2 is
freed for use as a T1 phase clock synchronizing pin.
This T1 phase clock has a frequency of fOSC/8 with a 1:3
high/low duty cycle. For instructions involving branches,
such as jump or call instructions, two machine cycles
are required to complete instruction execution. An extra
cycle is required as the program takes one cycle to first
obtain the actual jump or call address and then another
cycle to actually execute the branch. The requirement
for this extra cycle should be taken into account by pro-
grammersintimingsensitiveapplications.
ProgramCounter
During program execution, the Program Counter is used
to keep track of the address of the next instruction to be
executed. It is automatically incremented by one each
time an instruction is executed except for instructions,
such as
²JMP² or ²CALL², that demand a jump to a
non-consecutive Program Memory address. Note that
the Program Counter width varies with the Program
Memory capacity depending upon which device is se-
lected. However, it must be noted that only the lower 8
bits, known as the Program Counter Low Register, are
directlyaddressablebyuser.
F e t c h I n s t . ( P C )
E x e c u t e I n s t . ( P C - 1 )
F e t c h I n s t . ( P C + 1 )
E x e c u t e I n s t . ( P C )
F e t c h I n s t . ( P C + 2 )
E x e c u t e I n s t . ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k o f M C U
( f S Y S = f O S C / 2 )
P r o g r a m C o u n t e r
P i p e l i n i n g
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
SystemClockingandPipelining
F e t c h I n s t . 1 E x e c u t e I n s t . 1
F e t c h I n s t . 2
F l u s h P i p e l i n e
1
2
3
4
5
6 D E L A Y :
M O V A , [ 1 2 H ]
C A L L D E L A Y
C P L [ 1 2 H ]
:
:
N O P
E x e c u t e I n s t . 2
F e t c h I n s t . 3
F e t c h I n s t . 6 E x e c u t e I n s t . 6
F e t c h I n s t . 7
InstructionFetching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com