Electronic Components Datasheet Search
  English  ▼

X  

M054LDN Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # M054LDN
Description  32-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M054LDN Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button M054LDN Datasheet HTML 17Page - List of Unclassifed Manufacturers M054LDN Datasheet HTML 18Page - List of Unclassifed Manufacturers M054LDN Datasheet HTML 19Page - List of Unclassifed Manufacturers M054LDN Datasheet HTML 20Page - List of Unclassifed Manufacturers M054LDN Datasheet HTML 21Page - List of Unclassifed Manufacturers M054LDN Datasheet HTML 22Page - List of Unclassifed Manufacturers M054LDN Datasheet HTML 23Page - List of Unclassifed Manufacturers M054LDN Datasheet HTML 24Page - List of Unclassifed Manufacturers M054LDN Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
M051 DN/DE
Oct. 05, 2015
Page 21 of 86
Rev 1.03
NC
36
P4.1
PWM1
[2]
T3EX
I/O
purpose I/O port, which can be configured as Input,
Output, Quasi-bidirectional and Open-drain mode.
Port 3 supports multi-function pins, including PWM0 ~
PWM3, nCS, ALE, ICE_CLK, ICE_DAT, SCL1, SDA1,
T2EX and T3EX.
The PWM0 ~ PWM3 pins are for PWM function.
The nCS and ALE pins are for EBI function.
The ICE_CLK and ICE_DAT pins are for Serial Wire
Debug Interface.
The SDA1 and SCL1 pins are for I
2C1 function and both
of them are open-drain.
The T2EX and T3EX pins are for external capture/reset
trigger input of Timer2/3.
NC
48
P4.2
PWM2
[2]
I/O
NC
12
P4.3
PWM3
[2]
I/O
NC
28
P4.4
nCS
SCL1
I/O
NC
29
P4.5
ALE
SDA1
I/O
19
30
P4.6
ICE_CLK
I/O
20
31
P4.7
ICE_DAT
I/O
Note 1: I/O type description. I: Input, O: Output, I/O: Quasi-bidirectional, D: Open-drain, P: Power pins, ST: Schmitt trigger.
Note 2: The PWM0 ~ PWM3, RXD, TXD, RXD1, TXD1, SCL1, SDA1 and CKO can be assigned to different pins. However,
a pin function can only be assigned to a pin at the same time, i.e. software cannot assign RXD to P0.3 and P3.0 at the same
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com