Electronic Components Datasheet Search
  English  ▼

X  

M054LDN Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # M054LDN
Description  32-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M054LDN Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button M054LDN Datasheet HTML 3Page - List of Unclassifed Manufacturers M054LDN Datasheet HTML 4Page - List of Unclassifed Manufacturers M054LDN Datasheet HTML 5Page - List of Unclassifed Manufacturers M054LDN Datasheet HTML 6Page - List of Unclassifed Manufacturers M054LDN Datasheet HTML 7Page - List of Unclassifed Manufacturers M054LDN Datasheet HTML 8Page - List of Unclassifed Manufacturers M054LDN Datasheet HTML 9Page - List of Unclassifed Manufacturers M054LDN Datasheet HTML 10Page - List of Unclassifed Manufacturers M054LDN Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
M051 DN/DE
Oct. 05, 2015
Page 7 of 86
Rev 1.03
1
GENERAL DESCRIPTION
The NuMicro
®
M051 DN/DE series 32-bit microcontroller is embedded with ARM
®
Cortex
® -M0
core for industrial control and applications which need rich communication interfaces. The
NuMicro
®
M051
DN/DE
series
includes
the
following
part
numbers:
M052xDN/xDE,
M054xDN/xDE, M058xDN/xDE and M0516xDN/xDE.
The NuMicro
® M051 DN/DE series can run up to 50 MHz and operate at 2.5V ~ 5.5V, -40℃ ~
85
℃, while M05xxDE operates at -40℃ ~ 105℃, and thus can afford to support a variety of
industrial control and applications which need high CPU performance. The NuMicro
®
M051
DN/DE series offers 8/16/32/64 KB flash, 4 KB Data Flash, 4 KB flash for the ISP, and 4 KB
SRAM.
Many system level peripheral functions, such as I/O Port, EBI (External Bus Interface), Timer,
UART, SPI, I
2C, PWM, ADC, Watchdog Timer, Window Watchdog Timer, Analog Comparator and
Brown-out Detector, have been incorporated into The NuMicro
® M051 DN/DE series in order to
reduce component count, board space and system cost. These useful functions make The
NuMicro
® M051 DN/DE series powerful for a wide range of applications.
Additionally, the NuMicro
® M051 DN/DE series is equipped with ISP (In-System Programming)
and ICP (In-Circuit Programming) functions, and IAP (In-Application Programming), which allow
the user to update the program memory without removing the chip from the actual end product.
Item
M05xxBN
M05xxDN
M05xxDE
Operating Temperature
-40℃ ~ 85℃
-40℃ ~ 85℃
-40℃ ~ 105℃
Hardware Divider
-
●
●
IAP Mode
-
●
●
Window WDT
-
●
●
Analog Comparators
2
4
4
Configurable I/O mode after
POR
-
●
●
I
2C
1
2
(Supports Wake-up)
2
(Supports Wake-up)
SPI
-
Only Supports HCLK
as SPI clock source
-
No FIFO
-
Supports HCLK and
PLL as SPI clock source
-
4-level FIFO
-
Supports HCLK and
PLL as SPI clock source
-
4-level FIFO
PWM and ADC
PWM cannot trigger ADC
-
PWM
can
trigger
ADC conversion
-
PWM
can
trigger
ADC conversion
Table 1-1 M05xxBN, M05xxDN and M05xxDE Difference List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com