Electronic Components Datasheet Search
  English  ▼

X  

M058SSAN Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # M058SSAN
Description  32-bit Microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M058SSAN Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button M058SSAN Datasheet HTML 17Page - List of Unclassifed Manufacturers M058SSAN Datasheet HTML 18Page - List of Unclassifed Manufacturers M058SSAN Datasheet HTML 19Page - List of Unclassifed Manufacturers M058SSAN Datasheet HTML 20Page - List of Unclassifed Manufacturers M058SSAN Datasheet HTML 21Page - List of Unclassifed Manufacturers M058SSAN Datasheet HTML 22Page - List of Unclassifed Manufacturers M058SSAN Datasheet HTML 23Page - List of Unclassifed Manufacturers M058SSAN Datasheet HTML 24Page - List of Unclassifed Manufacturers M058SSAN Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
NuMicro M058S Series Datasheet
Nov. 27, 2014
Page 21 of 72
Rev.1.03
5
BLOCK DIAGRAM
5.1 NuMicro
 M058S Block Diagram
ARM
Cortex-M0
50 MHz
Memory
APROM
32 KB
DataFlash
4 KB
SRAM
4 KB
PWM / Timer
Analog Interface
32-bit Timer x 4
PWM/Capture
Timer x 4
Watchdog Timer
12-bit ADC x 8
Power Control
Clock Control
LDO
Power On Reset
LVR
Brown-out
Detection
High Speed
Oscillator
22.1184 MHz
High Speed
Crystal Osc.
4 ~ 24 MHz
Low Speed
Oscillator
10 kHz
PLL
Connectivity
UART x 1
SPI x 1
I
2C x 2
I/O Ports
General Purpose
I/O
Reset Pin
External Interrupt
LDROM
4 KB
AHB Bus
APB Bus
Bridge
Window Watchdog
Timer
Figure 5.1-1 NuMicro
 M058S Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com