Electronic Components Datasheet Search
  English  ▼

X  

COM81C17 Datasheet(PDF) 12 Page - SMSC Corporation

Part # COM81C17
Description  TWENTY PIN UART (TPUART)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM81C17 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button COM81C17 Datasheet HTML 8Page - SMSC Corporation COM81C17 Datasheet HTML 9Page - SMSC Corporation COM81C17 Datasheet HTML 10Page - SMSC Corporation COM81C17 Datasheet HTML 11Page - SMSC Corporation COM81C17 Datasheet HTML 12Page - SMSC Corporation COM81C17 Datasheet HTML 13Page - SMSC Corporation COM81C17 Datasheet HTML 14Page - SMSC Corporation COM81C17 Datasheet HTML 15Page - SMSC Corporation COM81C17 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
OPERATIONAL DESCRIPTION
MAXIMUM GUARANTEED RATINGS*
Operating Temperature Range......................................................................................... 0
o
C to +70
o
C
Storage Temperature Range..........................................................................................-55
o
to +150
o
C
Lead Temperature Range (soldering, 10 seconds) .................................................................... +325
o
C
Positive Voltage on any pin.....................................................................................................Vcc+0.3V
Negative Voltage on any pin, with respect to ground ................................................................... -0.3V
Maximum VCC................................................................................................................................ +7V
*Stresses above those listed above could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any other condition above those indicated in the
operation sections of this specification is not implied.
Note: When powering this device from laboratory or system power supplies, it is important that the
Absolute Maximum Ratings not be exceeded or device failure can result. Some power supplies exhibit
voltage spikes on their outputs when the AC power is switched on or off.
In addition, voltage
transients on the AC power line may appear on the DC output. If this possibility exists, it is suggested
that a clamp circuit be used.
Table 8 - ELECTRICAL CHARACTERISTICS
T = 0
o
C to +70
o
C, VCC = +5.0V ± 5%
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
LOW INPUT VOLTAGE
HIGH INPUT VOLTAGE
LOW OUTPUT VOLTAGE
HIGH OUTPUT VOLTAGE
INPUT LEAKAGE CURRENT
INPUT CAPACITANCE
POWER SUPPLY CURRENT
VIL
VIH
VOL
VOH
IL
CIN
ICC
2.0
2.4
10
15
0.8
0.4
±10
V
V
V
V
µA
pF
ma
IOL = 5.0ma D0 - D7
IOL = 3.5ma
IOH = 100µa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com