Electronic Components Datasheet Search
  English  ▼

X  

COM81C17 Datasheet(PDF) 11 Page - SMSC Corporation

Part # COM81C17
Description  TWENTY PIN UART (TPUART)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM81C17 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button COM81C17 Datasheet HTML 7Page - SMSC Corporation COM81C17 Datasheet HTML 8Page - SMSC Corporation COM81C17 Datasheet HTML 9Page - SMSC Corporation COM81C17 Datasheet HTML 10Page - SMSC Corporation COM81C17 Datasheet HTML 11Page - SMSC Corporation COM81C17 Datasheet HTML 12Page - SMSC Corporation COM81C17 Datasheet HTML 13Page - SMSC Corporation COM81C17 Datasheet HTML 14Page - SMSC Corporation COM81C17 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
INTERRUPT MASK REGISTER DESCRIPTION
This is an eight bit write only register which is
loaded by the processor. These bits are used to
enable interrupts from the corresponding bits in
the Status Register. This register is reset with
internal reset.
REGISTER DECODE & TRUTH TABLE
The TPUART provides unique decode capability
to
three
of
the
seven
internal
processor
accessible register.
These are the RX Buffer
Register (read only), the Status Register (read
only) and the Control Register (write only). The
other four registers (write only) are decoded in a
sequential manner following reset.
Refer to
table below:
Table 6 - DECODE TRUTH TABLE
RS
nRD
nWR
nCS
0
0
1
0
READ RX BUFFER REGISTER
0
1
0
0
WRITE TO TX BUFFER
REGISTER
1
0
1
0
READ STATUS REGISTER
1
1
0
0
WRITE TO CONTROL
REGISTER
X
X
X
1
DATA BUS IN TRI STATE
The first write to address zero (RS = 0) will
access the Mode Register, the second will
access the Interrupt Mask Register, the third will
access the Baud Rate Select Register, the fourth
and all subsequent writes will access the TX
Buffer Register.
Following reset, the decode sequence of writes
to address 0 is as follows:
RS0 - Selects the Mode Control Register
RS1 - Selects the Interrupt Mask Register
RS2 - Selects the Baud Rate Select Register
RS3 - Selects the TX Buffer Register
Table 7 - INTERNAL REGISTER SELECT
RS0
RS1
RS2
RS3
0
1
1
1
AFTER RESET
1
0
1
1
AFTER FIRST WRITE
1
1
0
1
AFTER SECOND WRITE
1
1
1
0
AFTER THIRD WRITE
1
1
1
0
ALL SUBSEQUENT
WRITES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com