Electronic Components Datasheet Search
  English  ▼

X  

89C52 Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # 89C52
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8-Kbytes of FLASH
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

89C52 Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button 89C52 Datasheet HTML 5Page - Integrated Silicon Solution, Inc 89C52 Datasheet HTML 6Page - Integrated Silicon Solution, Inc 89C52 Datasheet HTML 7Page - Integrated Silicon Solution, Inc 89C52 Datasheet HTML 8Page - Integrated Silicon Solution, Inc 89C52 Datasheet HTML 9Page - Integrated Silicon Solution, Inc 89C52 Datasheet HTML 10Page - Integrated Silicon Solution, Inc 89C52 Datasheet HTML 11Page - Integrated Silicon Solution, Inc 89C52 Datasheet HTML 12Page - Integrated Silicon Solution, Inc 89C52 Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
IS89C52
Integrated Silicon Solution, Inc. — 1-800-379-4774
9
MC013-1C
11/21/98
ISSI®
SPECIAL FUNCTION REGISTERS
(Continued)
Stack Pointer (SP)
The Stack Pointer Register is eight bits wide. It is
incremented before data is stored during PUSH and CALL
executions. While the stack may reside anywhere in on-
chip RAM, the Stack Pointer is initialized to 07H after a
reset. This causes the stack to begin at location 08H.
Data Pointer (DPTR)
The Data Pointer consists of a high byte (DPH) and a low
byte (DPL). Its function is to hold a 16-bit address. It may
be manipulated as a 16-bit register or as two independent
8-bit registers.
Ports 0 To 3
P0, P1, P2, and P3 are the SFR latches of Ports 0, 1, 2, and
3, respectively.
Serial Data Buffer (SBUF)
The Serial Data Buffer is actually two separate registers,
a transmit buffer and a receive buffer register. When data
is moved to SBUF, it goes to the transmit buffer, where it
is held for serial transmission. (Moving a byte to SBUF
initiates the transmission.) When data is moved from
SBUF, it comes from the receive buffer.
Timer Registers
Register pairs (TH0, TL0) and (TH1, TL1) are the 16-bit
Counter registers for Timer/Counters 0 and 1, respectively.
Capture Registers
The register pair (RCAP2H, RCAP2L) are the Capture
registers for the Timer 2 Capture Mode. In this mode, in
response to a transition at the IS89C52's T2EX pin, TH2
and TL2 are copied into RCAP2H and RCAP2L. Timer 2
also has a 16-bit auto-reload mode, and RCAP2H and
RCAP2L hold the reload value for this mode.
Control Registers
Special Function Registers IP, IE, TMOD, TCON, SCON,
and PCON contain control and status bits for the interrupt
system, the Timer/Counters, and the serial port. They are
described in later sections of this chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com