Electronic Components Datasheet Search
  English  ▼

X  

N567G201 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # N567G201
Description  powerful microcontroller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N567G201 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button N567G201 Datasheet HTML 7Page - List of Unclassifed Manufacturers N567G201 Datasheet HTML 8Page - List of Unclassifed Manufacturers N567G201 Datasheet HTML 9Page - List of Unclassifed Manufacturers N567G201 Datasheet HTML 10Page - List of Unclassifed Manufacturers N567G201 Datasheet HTML 11Page - List of Unclassifed Manufacturers N567G201 Datasheet HTML 12Page - List of Unclassifed Manufacturers N567G201 Datasheet HTML 13Page - List of Unclassifed Manufacturers N567G201 Datasheet HTML 14Page - List of Unclassifed Manufacturers N567G201 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
N567GXXX
Release Date: Feb. 2014
- 13 -
Version A13
(b) Crystal application
Notes:
1.
The crystal value must be double of system clock. If System clock is 6MHz, please select 12MHz crystal device.
The crystal should be placed close to IC, and the location is as near as possible.
2.
The value of Cp1 and Cp2 are depended on PCB layout and crystal type suggested 15~30pF or skip.
3.
The C1 value is suggested 4.7uF in audio PWM output and 0.1uF in DAC output.
4.
The VDD_OSC pad must be connected to VDD.
5.
The VDD_SIM pad must be connected to VDD if without SIM application.
6.
The above application circuits are for reference only. No warranty for mass production.
7.
Other application circuits please refer to Design Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com