Electronic Components Datasheet Search
  English  ▼

X  

N567G201 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # N567G201
Description  powerful microcontroller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N567G201 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  N567G201 Datasheet HTML 1Page - List of Unclassifed Manufacturers N567G201 Datasheet HTML 2Page - List of Unclassifed Manufacturers N567G201 Datasheet HTML 3Page - List of Unclassifed Manufacturers N567G201 Datasheet HTML 4Page - List of Unclassifed Manufacturers N567G201 Datasheet HTML 5Page - List of Unclassifed Manufacturers N567G201 Datasheet HTML 6Page - List of Unclassifed Manufacturers N567G201 Datasheet HTML 7Page - List of Unclassifed Manufacturers N567G201 Datasheet HTML 8Page - List of Unclassifed Manufacturers N567G201 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
N567GXXX
Release Date: Feb. 2014
- 2 -
Version A13
1. GENERAL DESCRIPTION
The N567Gxxx is a powerful microcontroller (uC) dedicated to speech and melody synthesis
applications. With the help of the embedded 8-bit microprocessor & dedicated H/W, the N567Gxxx can
synthesize 4-channel speech+melody simultaneously.
The two channels of synthesized speech can be in different kinds of format, for example ADPCM
and MDPCM. The N567Gxxx can provide 4-channel high-quality wavetable melody, which can emulate
the characteristics of musical instruments, such as piano and violin. More colorful melody effects are
implemented in N567Gxxx series, such as modulation, vibrato, and pitch-bending etc. The output of
speech/melody channels are mixed together through the on-chip digital mixer to produce colorful
effects. With these hardware resources, the N567Gxxx is very suitable for high-quality and
sophisticated scenario applications.
The N567Gxxx provides at most 32 I/O pins, 384 bytes RAM , IR carrier, Serial Interface
Management (SIM), and more sophisticated applications, such as interactive toys, cartridge toys and
final count down function. 3-pair LED output pins with 64-level control means that numerous
combination of RGB colors may result in a versatility of colorful effects. In addition, N567Gxxx also
provides PWM mode audio output to save power during playback and Watch Dog Timer to prevent
latch-up situation occurring.
The N567Gxxx family contains several items with different playback duration as shown below:
(@4-bit NM4 algorithm, 6 KHz sampling rate)
Item
N567G030
N567G041
N567G080
N567G120
N567G160
N567G200
*Duration
34 sec.
44 sec.
84 sec.
124 sec.
158 sec.
192 sec.
Item
N567G240
N567G280
N567G330
**N567G121
**N567G161
**N567G201
*Duration
233 sec.
272 sec.
311 sec.
124 sec.
158 sec.
192 sec.
Note: *: The duration time is based on 4-bit NM4 at 6 KHz sampling rate. The firmware library and timber library have
been ex
cluded from user’s ROM space for the duration estimation.
Note: **: N567G121/161/201 are modified from N567G120/160/
200 respectively to consist with OTP’s pad sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com