Electronic Components Datasheet Search
  English  ▼

X  

138D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 138D
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138D Datasheet(HTML) 1 Page - Vishay Siliconix

  138D Datasheet HTML 1Page - Vishay Siliconix 138D Datasheet HTML 2Page - Vishay Siliconix 138D Datasheet HTML 3Page - Vishay Siliconix 138D Datasheet HTML 4Page - Vishay Siliconix 138D Datasheet HTML 5Page - Vishay Siliconix 138D Datasheet HTML 6Page - Vishay Siliconix 138D Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.vishay.com
55
138D
Vishay
Document Number: 40025
Revision 15-Oct-03
For technical questions, contact wettants@vishay.com
DIMENSIONS in inches [millimeters]
D
L
Weld
0.250 [6.35]
Max.
0.0253
± 0.002 [0.64 ± 0.05] Dia.
(No. 22 AWG) Tinned Solderable Leads
FEATURES
Improved reliability through the use of a glass-to-tantalum
true hermetic anode seal is the prime feature of the Type
138D sintered anode TANTALEX
® capacitor. This construction
offers outstanding resistance to thermal shock.
Model 138D is the commercial equivalents of Tansitor Styles
WT, UWT, Mallory-NACC Styles TLX, TXX and Military Styles
CL66, CL67, CLR65, and CLR69, designed to meet the
performance requirements of Military Specification MIL-PRF-
39006/09/21.
Capacitors in accordance with military
specifications should be ordered by their military part
numbers.
Following the life test:
1. DCL shall not exceed 125% of the original requirement.
2. The ESR shall not exceed 200% of the initial requirement.
3. Change in capacitance value shall not exceed the
percentages below.
a) 6WVDC Units: + 10% to - 25% of initial measurement.
b) 8WVDC and 10WVDC Units: + 10% to - 20% of initial
measurement.
c) 15WVDC Units: + 10% to - 15% of initial measurement.
d) 20WVDC and above:
± 10% of initial measurement.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55
°C to + 85°C and with
voltage derating to two-thirds the + 85
°C rating at + 125°C.
Use of
Type 138D capacitors for high temperature
applications is recommended.
Capacitance Tolerance: At 120Hz, + 25
°C. ± 20% standard.
± 10%, ± 5% available as special.
DC Leakage Current (DCL Max.):
At + 25
°C, + 85°C and + 125°C: Leakage current shall not
exceed the values listed in the Standard Ratings Tables.
Life Test: Capacitors are capable of withstanding a 2000
hour life test at a temperature of + 85
°C or + 125°C at the
applicable rated DC working voltage.
BARE TUBE
CASE
CODE
C
F
T
K
D
0.188
± 0.016
[4.78
± 0.41]
0.281
± 0.016
[7.14
± 0.41]
0.375
± 0.016
[9.53
± 0.41]
0.375
± 0.016
[9.53
± 0.41]
Max. WEIGHT
(Ounces/Grams)
0.07
[2.0]
0.18
[5.1]
0.36
[10.2]
0.49
[13.9]
LEAD
LENGTH
1.500
± 0.250
[38.10
± 6.35]
2.250
± 0.250
[57.15
± 6.35]
2.250
± 0.250
[57.15
± 6.35]
2.250
± 0.250
[57.15
± 6.35]
WITH OUTER
PLASTIC - FILM INSULATION
L (Max.)
0.608
[15.45]
0.796
[20.22]
0.921
[23.40]
1.127
[30.91]
D (Max.)
0.219
[5.56]
0.312
[7.92]
0.406
[10.31]
0.406
[10.31]
L
0.453 + 0.031 - 0.016
[11.51 + 0.79 - 0.41]
0.641 + 0.031 - 0.016
[16.28 + 0.79 - 0.41]
0.766 + 0.031 - 0.016
[19.46 + 0.79 - 0.41]
1.062 + 0.031 - 0.023
[26.97 + 0.79 - 0.58]
Tantalum
Wet Tantalum Capacitors
Sintered Anode TANTALEX
® Capacitors Hermetically-Sealed
with True Glass-to-Tantalum Seal
ORDERING INFORMATION
138D
MODEL
306
CAPACITANCE
2
STYLE NUMBER
X0
CAPACITANCE
TOLERANCE
006
DC VOLTAGE RATING
AT + 85
°C
C
CASE CODE
This is expressed in
picofarads. The first two
digits are the significant
figures. The third is the
number of zeros to
follow.
X0 =
± 20%
X9 =
± 10%
X5 =
± 5%
Special Order.
This is expressed in volts.
To complete the three-digit
block, zeros precede the
voltage rating. A decimal
point is indicated by an "R"
(6R3 = 6.3 volts).
See Ratings
and Case
Codes Table.
0 = No outer tube.
2 = Outer plastic-film insulation.
Packaging: The use of formed plastic trays for packaging these axial lead components is standard. Tape and reel is not recommended
due to the unit weight.


Similar Part No. - 138D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D106X0025C2 VISHAY-138D106X0025C2 Datasheet
122Kb / 8P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
17-Mar-08
138D106X0050C2 VISHAY-138D106X0050C2 Datasheet
122Kb / 8P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
17-Mar-08
138D106X0100C2 VISHAY-138D106X0100C2 Datasheet
122Kb / 8P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
17-Mar-08
138D107X0010C2 VISHAY-138D107X0010C2 Datasheet
122Kb / 8P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
17-Mar-08
138D107X0010F2 VISHAY-138D107X0010F2 Datasheet
122Kb / 8P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
17-Mar-08
More results

Similar Description - 138D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200D VISHAY-200D Datasheet
576Kb / 9P
Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
25-Jun-04
109D VISHAY-109D Datasheet
94Kb / 6P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
17-Mar-08
138D VISHAY-138D_08 Datasheet
122Kb / 8P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
17-Mar-08
200D VISHAY-200D_05 Datasheet
133Kb / 11P
Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
14-Oct-05
109D VISHAY-109D_17 Datasheet
126Kb / 10P
Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
28-Aug-17
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C Operation
10-Aug-2020
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
30-Jul-14
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
11-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com