Electronic Components Datasheet Search
  English  ▼

X  

138D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 138D
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

138D Datasheet(HTML) 3 Page - Vishay Siliconix

  138D Datasheet HTML 1Page - Vishay Siliconix 138D Datasheet HTML 2Page - Vishay Siliconix 138D Datasheet HTML 3Page - Vishay Siliconix 138D Datasheet HTML 4Page - Vishay Siliconix 138D Datasheet HTML 5Page - Vishay Siliconix 138D Datasheet HTML 6Page - Vishay Siliconix 138D Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
57
138D
Vishay
Document Number: 40025
Revision 15-Oct-03
For technical questions, contact wettants@vishay.com
+ 6
+ 9
+ 9
+ 15
+ 12
+ 15
+ 20
+ 5
+ 8
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 20
- 16
- 20
- 16
- 24
- 16
- 28
- 35
2
2
5
10
12
17
36
1
1
1.0
1.0
2.0
2.0
9
650
300
150
90
60
60
29
10
8
6.5
7
5
6
3.1
138D355X0075C2
138D685X0075C2
138D156X0075F2
138D336X0075F2
138D406X0075T2
138D566X0075T2
138D117X0075K2
C
C
F
F
T
T
K
3.5
6.8
15
33
40
56
110
75WVDC at + 85
°C . . . 50WVDC at + 125°C
CAPACITANCE
(
µF)
PART NUMBER*
Max. DCL (
µA) at
Max. CAPACITANCE
CHANGE (%) at
STANDARD RATINGS
CASE
CODE
Max. ESR
at + 25
°C
(Ohms)
+ 125
°C
+ 85
°C
- 55
°C
+ 85
°C
+ 125
°C
+ 25
°C
Max. IMP.
at - 55
°C
(Ohms)
68
120
270
F
T
K
138D686X0035F2
138D127X0035T2
138D277X0035K2
6
4
2.2
60
38
23
+ 15
+ 15
+ 25
+ 12
+ 13
+ 20
- 24
- 30
- 45
8
16
32
1
2
8
+ 6
+ 9
+ 12
+ 15
+ 12
+ 15
+ 25
+ 5
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 13
+ 25
- 16
- 24
- 20
- 28
- 16
- 32
- 50
2
2
5
9
12
16
32
1
1
1
1
2
2
8
400
250
95
70
45
45
27
9
8
6
6
3
4
2.2
138D505X0050C2
138D106X0050C2
138D256X0050F2
138D476X0050F2
138D606X0050T2
138D826X0050T2
138D167X0050K2
C
C
F
F
T
T
K
5.0
10
25
47
60
82
160
50WVDC at + 85
°C . . . 30WVDC at + 125°C
35WVDC at + 85
°C . . . 22WVDC at + 125°C
+ 6
+ 9
+ 12
+ 12
+ 12
+ 12
+ 20
+ 5
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 10.5
+ 20
- 16
- 24
- 16
- 28
- 16
- 32
- 40
2
2
5
9
12
16
32
1
1
1
1
2
2
8
550
275
105
90
50
50
28
10
8
5
7
4
6
2.4
138D405X0060C2
138D825X0060C2
138D206X0060F2
138D396X0060F2
138D506X0060T2
138D686X0060T2
138D147X0060K2
C
C
F
F
T
T
K
4.0
8.2
20
39
50
68
140
60WVDC at + 85
°C . . . 40WVDC at + 125°C
*Part Numbers listed are for units with outer plastic-film insulation and a capacitance tolerance of
± 20%. For bare case units, substitute "0"
for "2" at the end of the Part Number. For capacitors with
± 10% tolerance, change the digit following the letter "X" to "9".
100WVDC at + 85
°C . . . 65WVDC at + 125°C
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 15
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 15
- 16
- 16
- 16
- 16
- 16
- 20
- 25
2
2
4
9
12
17
36
1.0
1.0
1.0
1.0
2.0
2.0
9
950
500
200
100
80
70
30
26.5
10
6
7
4
6
3.1
138D255X0100C2
138D475X0100C2
138D116X0100F2
138D226X0100F2
138D306X0100T2
138D436X0100T2
138D866X0100K2
C
C
F
F
T
T
K
2.5
4.7
11
22
30
43
86
+ 8
+ 8
+ 8
+ 8
+ 8
+ 8
+ 15
+ 7
+ 7
+ 7
+ 7
+ 7
+ 7
+ 15
- 16
- 16
- 16
- 16
- 16
- 16
- 25
2
2
5
7
9
13
40
1.0
1.0
1.0
1.0
2.0
2.0
10
1250
600
240
167
129
93
32
54.6
15
15
12
11
10
4.1
138D175X0125C2
138D365X0125C2
138D905X0125F2
138D146X0125F2
138D186X0125T2
138D256X0125T2
138D566X0125K2
C
C
F
F
T
T
K
1.7
3.6
9.0
14
18
25
56
125WVDC at + 85
°C . . . 85WVDC at + 125°C
Wet Tantalum Capacitors
Sintered Anode TANTALEX
® Capacitors Hermetically-Sealed
with True Glass-to-Tantalum Seal



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com