Electronic Components Datasheet Search
  English  ▼

X  

430P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 430P
Description  Metalized Polyester Film Capacitors Wrap-and-Fill
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

430P Datasheet(HTML) 1 Page - Vishay Siliconix

  430P Datasheet HTML 1Page - Vishay Siliconix 430P Datasheet HTML 2Page - Vishay Siliconix 430P Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 42025
Revision 13-Nov-03
www.vishay.com
74
Type 430P
Vishay Sprague
For technical questions, contact spresale@vishay.com
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55°C to + 85°C.
Capacitance Range: 0.0047µF to 10.0µF.
Capacitance Tolerance: ± 20%, ± 10%, ± 5%.
DC Voltage Rating: 50 WVDC to 600 WVDC.
Dissipation Factor: 1.0% maximum.
Voltage Test: 200% of rated voltage for 2 minutes.
Insulation Resistance:
At + 25°C: 25,000 Megohm - Microfarads or 50,000
Megohm minimum. At + 85°C: 1000 Megohm -
Microfarads or 2500 Megohm minimum.
Vibration Test (Condition B): No mechanical damage,
short, open or intermittent circuits.
PHYSICAL CHARACTERISTICS
Lead Pull: 5 pounds (2.3 kilograms) for one minute.
No physical damage.
Lead Bend: After three complete consecutive bends,
no damage.
Marking: Sprague® trademark, type or part number,
capacitance and voltage.
DC Life Test: 125% of rated voltage for 250 hours @ + 85°C.
No open or short circuits. No visible damage.
Maximum ∆ CAP = ± 10%.
Minimum IR = 50% of initial limit.
Maximum DF = 1.25%.
Humidity Test: 95% relative humidity @ + 40°C for 250
hours, no visible damage.
Maximum ∆ CAP ± 10%.
Minimum IR = 20% of initial limit.
Maximum DF = 2.0%.
DIMENSIONS in inches [millimeters]
D
Max.
Solid Tinned Wire*
L
+ 0.062 [1.57]
- 0.031 [0.79]
1.750 [44.45]
Min.
1.750 [44.45]
Min.
* Lead size: D Max. < 0.270 [6.86] 0.025 [0.64] (No. 22 AWG). D Max. ≥ 0.270 [6.86] 0.032 [0.81] (No. 20 AWG).
Leads to be within ± 0.062" [1.57mm] of center line at egress but not less than 0.031" [0.79mm] from edge.
PART NUMBER
STANDARD RATINGS in inches [millimeters]
50 WVDC
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
± 10% TOLERANCE
430P124X9050
430P154X9050
430P184X9050
430P224X9050
430P274X9050
430P334X9050
430P394X9050
430P474X9050
430P564X9050
430P684X9050
430P824X9050
± 5% TOLERANCE
430P124X5050
430P154X5050
430P184X5050
430P224X5050
430P274X5050
430P334X5050
430P394X5050
430P474X5050
430P564X5050
430P684X5050
430P824X5050
0.196 [4.98]
0.210 [5.33]
0.223 [5.66]
0.240 [6.10]
0.258 [6.55]
0.279 [7.09]
0.250 [6.35]
0.269 [6.83]
0.288 [7.32]
0.311 [7.90]
0.270 [6.86]
D
0.625 [15.88]
0.625 [15.88]
0.625 [15.88]
0.625 [15.88]
0.625 [15.88]
0.625 [15.88]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
1.000 [25.40]
LEAD
AWG NO.
22
22
22
22
22
20
22
22
20
20
20
L
CAPACITANCE
(
µF)
CASE SIZE
Metalized Polyester Film Capacitors
Wrap-and-Fill
FEATURES
• Economical
• Extensive standard ratings
• Rugged construction
• Small size


Similar Part No. - 430P

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
430P183X0100XF EXXELIA-430P183X0100XF Datasheet
623Kb / 5P
High Discharge Rate Energy-Storage Metalized-Film Capacitors
430P183X0100XF EXXELIA-430P183X0100XF Datasheet
947Kb / 6P
Metal-Case Subminiature 10 Ampere Thru-Pass Paper Capacitors
430P183X0100XF EXXELIA-430P183X0100XF Datasheet
801Kb / 6P
Metal-Case Metalized Paper / Polyester FILM Capacitors
430P183X0100XF EXXELIA-430P183X0100XF Datasheet
1Mb / 8P
Paper / Polyester Dielectric Extended Foil Electrodes
430P183X0100XF EXXELIA-430P183X0100XF Datasheet
1Mb / 8P
Paper / Polyester Dielectric Extended Foil Electrodes
More results

Similar Description - 430P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
632P VISHAY-632P Datasheet
50Kb / 5P
Film Capacitors Metalized Polycarbonate, Wrap-and-Fill
04-Dec-03
732P VISHAY-732P Datasheet
40Kb / 1P
Film Capacitors Metalized Polypropylene, Wrap-and-Fill
17-Nov-03
735P VISHAY-735P Datasheet
81Kb / 3P
Film Capacitors High Current, Wrap-and-Fill, Metalized Polypropylene
17-Nov-03
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
07-Feb-07
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
16-Nov-07
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
Metallized Polyester Film Capacitors, Wrap-and-Fill
12-Mar-09
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
12-Mar-09
logo
Surge Components
SAM SURGE-SAM Datasheet
134Kb / 1P
WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM
SAMR SURGE-SAMR Datasheet
142Kb / 1P
WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com