Electronic Components Datasheet Search
  English  ▼

X  

430P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 430P
Description  Metalized Polyester Film Capacitors Wrap-and-Fill
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

430P Datasheet(HTML) 2 Page - Vishay Siliconix

  430P Datasheet HTML 1Page - Vishay Siliconix 430P Datasheet HTML 2Page - Vishay Siliconix 430P Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
75
Type 430P
Vishay Sprague
Document Number: 42025
Revision 13-Nov-03
For technical questions, contact spresale@vishay.com
* These ratings are stocked.
1.0
1.5
2.0
2.5
3.0
4.0
5.0
6.0
7.0
10.0
STANDARD RATINGS in inches [millimeters]
PART NUMBER
50 WVDC
± 10% TOLERANCE
± 5% TOLERANCE
D
LEAD
AWG NO.
L
CAPACITANCE
(
µF)
20
20
20
20
20
20
20
20
20
20
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.250 [31.75]
1.500 [38.10]
1.500 [38.10]
1.500 [38.10]
1.500 [38.10]
1.500 [38.10]
0.291 [7.39]
0.344 [8.74]
0.400 [10.16]
0.438 [11.13]
0.398 [10.11]
0.434 [11.02]
0.476 [12.09]
0.515 [13.08]
0.551 [14.00]
0.647 [16.43]
430P105X5050
430P155X5050
430P205X5050
430P255X5050
430P305X5050
430P405X5050
430P505X5050
430P605X5050
430P705X5050
430P106X5050
430P105X9050
430P155X9050
430P205X9050
430P255X9050
430P305X9050
430P405X9050
430P505X9050
430P605X9050
430P705X9050
430P106X9050
100 WVDC
0.082
0.1
0.12
0.15
0.18
0.22*
0.27
0.33*
0.39
0.47
0.56
0.68
0.82
1.0*
1.5
2.0*
2.5
3.0
4.0
5.0
6.0
7.0*
10.0
200 WVDC
0.047
0.056
0.068
0.082
0.10*
0.12
0.15
0.18
0.22*
0.27
0.33
0.39
0.47*
0.56
0.68*
0.82
1.0*
1.5
2.0*
2.5
3.0
4.0*
5.0
430P823X9100
430P104X9100
430P124X9100
430P154X9100
430P184X9100
430P224X9100
430P274X9100
430P334X9100
430P394X9100
430P474X9100
430P564X9100
430P684X9100
430P824X9100
430P105X9100
430P155X9100
430P205X9100
430P255X9100
430P305X9100
430P405X9100
430P505X9100
430P605X9100
430P705X9100
430P106X9100
430P823X5100
430P104X5100
430P124X5100
430P154X5100
430P184X5100
430P224X5100
430P274X5100
430P334X5100
430P394X5100
430P474X5100
430P564X5100
430P684X5100
430P824X5100
430P105X5100
430P155X5100
430P205X5100
430P255X5100
430P305X5100
430P405X5100
430P505X5100
430P605X5100
430P705X5100
430P106X5100
0.192 [4.88]
0.204 [5.18]
0.216 [5.49]
0.233 [5.92]
0.213 [5.41]
0.228 [5.79]
0.245 [6.22]
0.264 [6.71]
0.230 [5.84]
0.246 [6.25]
0.262 [6.65]
0.283 [7.19]
0.265 [6.73]
0.286 [7.26]
0.351 [8.92]
0.393 [9.98]
0.430 [10.92]
0.464 [11.79]
0.494 [12.55]
0.544 [13.82]
0.591 [15.01]
0.633 [16.08]
0.678 [17.22]
0.625 [15.88]
0.625 [15.88]
0.625 [15.88]
0.625 [15.88]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.250 [31.75]
1.250 [31.75]
1.250 [31.75]
1.250 [31.75]
1.250 [31.75]
1.250 [31.75]
1.500 [38.10]
1.500 [38.10]
1.500 [38.10]
1.500 [38.10]
1.750 [44.45]
22
22
22
22
22
22
22
22
22
22
22
20
22
20
20
20
20
20
20
20
20
20
20
430P473X9200
430P563X9200
430P683X9200
430P823X9200
430P104X9200
430P124X9200
430P154X9200
430P184X9200
430P224X9200
430P274X9200
430P334X9200
430P394X9200
430P474X9200
430P564X9200
430P684X9200
430P824X9200
430P105X9200
430P155X9200
430P205X9200
430P255X9200
430P305X9200
430P405X9200
430P505X9200
430P473X5200
430P563X5200
430P683X5200
430P823X5200
430P104X5200
430P124X5200
430P154X5200
430P184X5200
430P224X5200
430P274X5200
430P334X5200
430P394X5200
430P474X5200
430P564X5200
430P684X5200
430P824X5200
430P105X5200
430P155X5200
430P205X5200
430P255X5200
430P305X5200
430P405X5200
430P505X5200
0.200 [5.08]
0.211 [5.36]
0.225 [5.72]
0.240 [6.10]
0.221 [5.61]
0.234 [5.94]
0.254 [6.45]
0.272 [6.91]
0.295 [7.49]
0.258 [6.55]
0.279 [7.09]
0.298 [7.57]
0.321 [8.15]
0.345 [8.76]
0.375 [9.53]
0.350 [8.89]
0.380 [9.65]
0.454 [11.53]
0.469 [11.91]
0.516 [13.11]
0.559 [14.20]
0.580 [14.73]
0.641 [16.28]
0.625 [15.88]
0.625 [15.88]
0.625 [15.88]
0.625 [15.88]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.250 [31.75]
1.250 [31.75]
1.250 [31.75]
1.500 [38.10]
1.500 [38.10]
1.500 [38.10]
1.750 [44.45]
1.750 [44.45]
22
22
22
22
22
22
22
20
20
22
20
20
20
20
20
20
20
20
20
20
20
20
20
CASE SIZE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com