Electronic Components Datasheet Search
  English  ▼

X  

7525 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 7525
Description  X-ray Thickness Gage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

7525 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  7525 Datasheet HTML 1Page - Toshiba Semiconductor 7525 Datasheet HTML 2Page - Toshiba Semiconductor 7525 Datasheet HTML 3Page - Toshiba Semiconductor 7525 Datasheet HTML 4Page - Toshiba Semiconductor 7525 Datasheet HTML 5Page - Toshiba Semiconductor 7525 Datasheet HTML 6Page - Toshiba Semiconductor 7525 Datasheet HTML 7Page - Toshiba Semiconductor 7525 Datasheet HTML 8Page - Toshiba Semiconductor 7525 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
No. EJD-069
 2 
1. Standard Configuration
Measuring head
1
Equipment cabinet
1
Operation-PC
1
Automatic voltage regulator
1
Driving control box (also used as a junction box)
1
Standard accessories
1 set
Safety valve
(1)
Flow switch
(1)
Limit switches
(4)
Sample holder
(1)
Cable ducts
(1 set)
Special cable (20 m)
(1 set)
Hose (20 m)
(1 set)
Standard spare parts
(1 set)
Fuses/lamps
1 set
2. Optional Configuration
Measuring head peripheral equipment
Rails
Rack and rack mounting plate
Hanger
Hanger rails
Test samples
X-ray/shutter warning lamps 1 set (red/green)
Piping parts
Air filter
Strainer
Reducing valve (for air)
Reducing valve (for nitrogen)
Nitrogen escape valve
Nitrogen cylinder
Air dryer
Cooling water supply unit
Oil mist separator
Flow rate gage (for cooling water)
Pressure switch (for air)
Pressure switch (for nitrogen)
Valve stand
Interface (for PI/O interface with purchaser's PC)
Indicator/recorder
Wide angle indicator (110°)
Recorder (hybrid-type)
Cabinet (houses control panel, recorder, etc.)
Cables
Various types
Hoses
Various types
Accessories
Maintenance PC
Operation-PC printer
17-type monitor
Transceiver (with cables)
X-ray/shutter warning lamps (for three lamps)
3. Individual Unit Configuration
Measuring head
The C-Frame can be broadly divided into the X-
ray generator, standard changer, and detector.
Each component is an individual unit and can be
replaced easily.
<Main components>
C-Frame
(standard: measuring air gap height 750mm,
depth 2500mm)
X-ray generator
Generator control power supply
Standard changer
Detector (ionization chamber)
Ionization chamber power supply
C-Frame carriage drive unit (AC motor)
Air purge nozzle
Safety valve
Flow switch
DC power supply unit (+5V, +24V)
Cable duct
Air cooler
Driving control box (also used as junction box)
This is integrated with junction box of the past, so
it features the necessary control display on the
machine side.
<Main components>
Driving control box
X-ray and shutter ON/OFF switch
X-ray interlock
C-Frame carriage drive unit
Carriage forward/reverse/stop switch
Shutter and carriage drive interlock
Control location selection switch (local,
remote)
Equipment cabinet
The FA control computer (V300) was developed
for industrial measurement and control. It is a
computer that features reliability and
expandability (utilizes a VME bus).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com