Electronic Components Datasheet Search
  English  ▼

X  

7525 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 7525
Description  X-ray Thickness Gage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

7525 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  7525 Datasheet HTML 1Page - Toshiba Semiconductor 7525 Datasheet HTML 2Page - Toshiba Semiconductor 7525 Datasheet HTML 3Page - Toshiba Semiconductor 7525 Datasheet HTML 4Page - Toshiba Semiconductor 7525 Datasheet HTML 5Page - Toshiba Semiconductor 7525 Datasheet HTML 6Page - Toshiba Semiconductor 7525 Datasheet HTML 7Page - Toshiba Semiconductor 7525 Datasheet HTML 8Page - Toshiba Semiconductor 7525 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
No. EJD-069
 3 
<Main components>
Equipment cabinet
FA computer (V300)
DC power supply unit (+24V)
Circuit breaker (100V AC single phase)
Circuit breaker (200V AC single phase)
Isolated amplifier (for deviation output)
Operation-PC
Uses FA computer to display different kinds of
settings, self-diagnosis and deviation trends.
Communications are carried out via the
microcomputer and Ethernet, settings are carried
out via a microcomputer, and status detection
information is sent and received.
<Main components>
FA3100 main unit (Windows® NT)
15-type color monitor
Keyboard
Mouse
Ethernet board
Standard software package
Automatic voltage regulator
This is used to stabilize the power supply provided
to the main unit of the thickness gage. Specify
frequency of either 50 Hz or 60 Hz.
Input
200/220V AC ± 10%, 1
φ
(100/110V AC is also possible)
Output
200V AC (0.8KVA), 1
φ
100V AC (0.7KVA), 1
φ
Distortion 5% max., capacity 1.6kVA
Special Cables
Special cable between driving control box and
measuring head (20m).
Hoses
Special hose between customer's piping and
measuring head (20m).
Cooling water hose (neoprene, 3/4B)
Air purge hose (neoprene, 1/2B, 3/4B)
Nitrogen hose (neoprene, 1/4B)
Standard spare parts
Fuses
0.5A, 3A, 5A
Lamps
40W
Measuring head peripheral equipment
X-ray/shutter warning lamp
Limit switches
Documents
Contract Specifications
5 copies
Contract Drawings
5 copies
Test Report
5 copies
Operation Manual (including maintenance)
5 copies
Schematic Diagram
5 copies
Operating Principle
When the X-rays emitted from the X-ray generator
pass through the material being measured, they are
scattered and absorbed by that material. The X-rays
that pass through the material are received by the
detector (ionization chamber) and are converted into
electrical signals (ionization current) proportional to
the quantity of X-rays. These signals are subjected to
A/D conversion at the integrated A/D converter
before being sent to the microcomputer by the high-
speed serial interface.
At the equipment cabinet, these signals are calculated
by the microcomputer and then output as thickness
signals.
Deviation
output
Setting
Integrated A/D converter
Thickness gage
Calibration
information
X-ray generator
Standard changer
Measured
material
T
Calibration
curve
Detector
V
Figure 2
Operating Principle
Measurement Method
The TOSGAGE-7525 is a single-beam thickness
gage that uses previously calibrated standard
plates to create and store a calibration curve
throughout the entire measurement range. The
signals detected for the X-rays that have passed
through the measuring material during
measurements are applied to the calibration curve
to derive the thickness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com