Electronic Components Datasheet Search
  English  ▼

X  

WM8501 Datasheet(PDF) 12 Page - Cirrus Logic

Part # WM8501
Description  24-bit 192kHz Stereo DAC with 1.7Vrms Line Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8501 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button WM8501 Datasheet HTML 8Page - Cirrus Logic WM8501 Datasheet HTML 9Page - Cirrus Logic WM8501 Datasheet HTML 10Page - Cirrus Logic WM8501 Datasheet HTML 11Page - Cirrus Logic WM8501 Datasheet HTML 12Page - Cirrus Logic WM8501 Datasheet HTML 13Page - Cirrus Logic WM8501 Datasheet HTML 14Page - Cirrus Logic WM8501 Datasheet HTML 15Page - Cirrus Logic WM8501 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
WM8501
Production Data
w
PD, Rev 4.3, February 2013
12
Figure 6 DSP Mode B Timing
AUDIO DATA SAMPLING RATES
The master clock for WM8501 supports audio sampling rates from 128fs to 768fs, where fs is the
audio sampling frequency (LRCLK) typically 32kHz, 44.1kHz, 48kHz, 96kHz or 192kHz. The
master clock is used to operate the digital filters and the noise shaping circuits.
The WM8501 has a master clock detection circuit that automatically determines the relation
between the master clock frequency and the sampling rate (to within +/- 8 master clocks). If there
is a greater than 8 clocks error, the interface shuts down the DAC and mutes the output. The
master clock should be synchronised with LRCLK, although the WM8501 is tolerant of phase
differences or jitter on this clock.
SAMPLING
RATE
(LRCLK)
MASTER CLOCK FREQUENCY (MHz) (MCLK)
128fs
192fs
256fs
384fs
512fs
768fs
32kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1kHz
5.6448
8.467
11.2896
16.9344
22.5792
33.8688
48kHz
6.144
9.216
12.288
18.432
24.576
36.864
96kHz
12.288
18.432
24.576
36.864
Unavailable
Unavailable
192kHz
24.576
36.864
Unavailable
Unavailable
Unavailable
Unavailable
Table 1 Master Clock Frequencies Versus Sampling Rate
HARDWARE CONTROL MODES
The WM8501 is hardware programmable providing the user with options to select input audio data
format, de-emphasis and mute.
ENABLE OPERATION
Pin 4 (ENABLE) controls the operation of the chip. If ENABLE is low the device is held in a low
power state. If this pin is held high the device is powered up.
To ensure correct operation it is essential that there is a low to high transition on the ENABLE pin
after digital supplies have come on. This can be achieved by providing the ENABLE signal from
an external controller chip or by means of a simple RC network on the ENABLE pin. See
“Recommended External Components” in the “Application Information” section at the end of this
datasheet.
Note that the ENABLE pin should not be used as a mute pin or to temporarily silence the DAC
(between tracks of a CD for example). The ENABLE pin is not intended to be used as a mute
control but to allow entry into low power mode. Disabling the device via the ENABLE pin has the
effect of powering down the voltage on the VMID pin. Repeated enabling/disabling of the device
can cause audible pops at the output.
LRCLK
BCLK
DIN
Input Word Length (16 bits)
1/f
LEFT CHANNEL
1
2
1
1
LSB
MSB
16
2
1
1
RIGHT CHANNEL
NO VALID DATA
1
Max 4 BCLK's



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com