Electronic Components Datasheet Search
  English  ▼

X  

WM8716 Datasheet(PDF) 18 Page - Cirrus Logic

Part # WM8716
Description  High Performance 24-bit, 192kHz Stereo DAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8716 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button WM8716 Datasheet HTML 14Page - Cirrus Logic WM8716 Datasheet HTML 15Page - Cirrus Logic WM8716 Datasheet HTML 16Page - Cirrus Logic WM8716 Datasheet HTML 17Page - Cirrus Logic WM8716 Datasheet HTML 18Page - Cirrus Logic WM8716 Datasheet HTML 19Page - Cirrus Logic WM8716 Datasheet HTML 20Page - Cirrus Logic WM8716 Datasheet HTML 21Page - Cirrus Logic WM8716 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
WM8716
Production Data
w
PD, Rev 4.2,August 2008
18
MUTE MODES
The device has various mute modes.
ANALOGUE
DIGITAL FILTER
ANRES
ANMUTE
Reg bit OPE = ‘1’
Unaffected
Asserted
MUTEB pin
Gain ramped to zero
On release volume ramps
to previous value
Asserted when
gain = 0
AUTOMUTE
(detect 1024 zero
input samples)
Automute has no effect on digital
filters
Asserted after
1024 zero input
samples if IZD = 1
Reg bit MUT
As MUTEB pin
As MUTEB pin
Gain = 00
(left & right)
Gain = -
∞dB
Asserted
RAM initialise
Gain initialised to 0dB
Asserted
Loss of system
clock
Not running (no clock). On clock
restart, filters initialised, RAM
initialised. Registers unchanged
Asserted
Asserted
No LRCLK or invalid
SCLK/LRCLK ratio
Filters initialised, RAM initialised.
Registers unchanged
Asserted
Asserted
RB
Reset – gain initialised to 0dB
Asserted
Asserted
Power-on reset
Reset
Asserted
Asserted
Table 21 Mute Modes
•
ANRES is the reset to the switched capacitor filter.
•
ANMUTE is an analogue muting signal gating the analogue signal at the output (after the
SC filter)
•
AUTOMUTE is asserted when both the IZD register bit is asserted and the input audio data has
been zero on both left and right channels for 1024 input samples. The first non-zero sample de-
asserts.
•
Applying a logic low to MUTEB or setting MUT in Reg2 causes the gain registers to ramp to zero.
When a logic high is applied, the gain ramps slowly back up to the value held in the appropriate
attenuation register (AL or AR). The ramp rate = 128/fs s/0.5dB step.
If SOFTMUTE is set or
MUTEB=0 then GAINL and
GAINR are overridden to 00
MUTEB
GAINL[0:7]
GAINR[0:7]
ANMUTE
SOFTMUTE
gain ramps between
previous and new gain
setting
Signal
Processing
IZD
ZERO
OPE
FREQ_INVALID
INIT
Automute:
Detect 1024
zero input
samples
Figure 7 Mute Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com