Electronic Components Datasheet Search
  English  ▼

X  

WM8716 Datasheet(PDF) 3 Page - Cirrus Logic

Part # WM8716
Description  High Performance 24-bit, 192kHz Stereo DAC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8716 Datasheet(HTML) 3 Page - Cirrus Logic

  WM8716 Datasheet HTML 1Page - Cirrus Logic WM8716 Datasheet HTML 2Page - Cirrus Logic WM8716 Datasheet HTML 3Page - Cirrus Logic WM8716 Datasheet HTML 4Page - Cirrus Logic WM8716 Datasheet HTML 5Page - Cirrus Logic WM8716 Datasheet HTML 6Page - Cirrus Logic WM8716 Datasheet HTML 7Page - Cirrus Logic WM8716 Datasheet HTML 8Page - Cirrus Logic WM8716 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Production Data
WM8716
w
PD, Rev 4.2, August 2008
3
PIN CONFIGURATION
16
15
14
20
19
18
17
5
6
7
1
2
3
4
13
12
11
8
9
10
BCKIN
VOUTR
VOUTL
LRCIN
DIN
ZERO
MUTEB
MODE
RSTB
CSBIWO
MD/DM0
MC/DM1
ML/I2S
VMIDR
VMIDL
XTI
XTO
CLKO
AGNDR
AGNDL
AVDDR
DVDD
AVDDL
DGND
21
22
23
24
25
26
27
28
MODE8X
AGND
DIFFHW
AVDD
ORDERING INFORMATION
DEVICE
TEMPERATURE
RANGE
PACKAGE
MOISTURE
SENSITIVITY
LEVEL
PEAK SOLDERING
TEMPERATURE
WM8716SEDS/V
-25 to +85
°C
28-lead SSOP
(Pb- free)
MSL2
260
°C
WM8716SEDS/RV
-25 to +85
°C
28-lead SSOP
(Pb- free, tape and reel)
MSL2
260
°C
Note:
Reel quantity = 2,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com