Electronic Components Datasheet Search
  English  ▼

X  

WM8737 Datasheet(PDF) 18 Page - Cirrus Logic

Part # WM8737
Description  Stereo ADC with Microphone Preamplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8737 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button WM8737 Datasheet HTML 14Page - Cirrus Logic WM8737 Datasheet HTML 15Page - Cirrus Logic WM8737 Datasheet HTML 16Page - Cirrus Logic WM8737 Datasheet HTML 17Page - Cirrus Logic WM8737 Datasheet HTML 18Page - Cirrus Logic WM8737 Datasheet HTML 19Page - Cirrus Logic WM8737 Datasheet HTML 20Page - Cirrus Logic WM8737 Datasheet HTML 21Page - Cirrus Logic WM8737 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
WM8737L
Production Data
w
PD, Rev 4.4, January 2012
18
PGA CONTROL
The Left and Right PGAs match the input signal levels to the ADC input ranges. The PGA gain is
logarithmically adjustable from –97dB to +30dB in 0.5dB steps. Each PGA can be controlled either by
the user or by the ALC function (see “Automatic Level Control” section). When ALC is enabled for one
or both channels then writing to the corresponding PGA gain control register has no effect. The gain
is independently adjustable on both Right and Left Line Inputs. By setting the LVU or RVU bits whilst
programming the PGA gain, both channels can be simultaneously updated. The inputs can also be
muted under software control. The PGA control register maps are shown in Table 7.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (00h)
Left Channel
PGA
7:0
LINVOL[7:0]
C3h
( 0dB )
Left Channel Input Volume Control
00000000: MUTE
00000001: -97dB
00000010: -96.5dB
…
11000011: 0dB
…
11111111: +30dB
8
LVU
0
Left PGA volume update
0: Store LINVOL in left intermediate
latch but do not update left gain.
1: Update both PGA gains
simultaneously (left gain = LINVOL,
right gain = right intermediate latch).
R1 (01h)
Right Channel
PGA
7:0
RINVOL[7:0]
C3h
( 0dB )
Right Channel Input Volume Control.
Same as LINVOL.
8
RVU
0
Right PGA volume update
0: Store RINVOL in right
intermediate latch but do not update
right gain.
1: Update both PGA gains
simultaneously (right gain =
RINVOL, left gain = left intermediate
latch).
Table 7 PGA Software Control
ZERO-CROSS DETECTION
To avoid zipper or click noises, it is preferable to change the microphone preamplifier and PGA gains
only when the input signal is at zero. The WM8737L has built-in zero-cross detectors to achieve this.
This function is enabled by setting the LMZC, LPZC, RMZC and RPZC bits. The zero-cross detection
feature includes a programmable time-out, selected by writing to LZCTO[1:0] and RZCTO[1:0]. If no
zero crossing occurs within the time-out period then the WM8737L changes the PGA or microphone
preamplifier gains when the time-out elapses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com