Electronic Components Datasheet Search
  English  ▼

X  

WM8768 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8768
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8768 Datasheet(HTML) 1 Page - Cirrus Logic

  WM8768 Datasheet HTML 1Page - Cirrus Logic WM8768 Datasheet HTML 2Page - Cirrus Logic WM8768 Datasheet HTML 3Page - Cirrus Logic WM8768 Datasheet HTML 4Page - Cirrus Logic WM8768 Datasheet HTML 5Page - Cirrus Logic WM8768 Datasheet HTML 6Page - Cirrus Logic WM8768 Datasheet HTML 7Page - Cirrus Logic WM8768 Datasheet HTML 8Page - Cirrus Logic WM8768 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
w
WM8768
24-bit, 192kHz 8-Channel DAC
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, July 2010, Rev 4.3
Copyright
©2010 Wolfson Microelectronics plc
DESCRIPTION
The WM8768 is a multi-channel audio DAC ideal for DVD
and surround sound processing applications for home hi-fi,
automotive and other audio visual equipment.
Four stereo 24-bit multi-bit sigma delta DACs are used with
oversampling digital interpolation filters. Digital audio input
word lengths from 16-32 bits and sampling rates from 8kHz
to 192kHz are supported. Each DAC channel has
independent digital volume and mute control.
The audio data interface supports I2S, left justified, right
justified and DSP digital audio formats.
The device is controlled either via a 3 wire serial interface or
directly using the hardware interface. These interfaces
provide access to features including channel selection,
volume
controls,
mutes,
de-emphasis
and
power
management facilities. The device is available in a 28-lead
SSOP.
FEATURES
•
8-Channel DAC with PCM.
•
Audio Performance
−
103dB SNR (‘A’ weighted @ 48kHz) DAC
•
DAC Sampling Frequency: 8kHz – 192kHz
•
3-Wire SPI Serial or Hardware Control Interface
•
Programmable Audio Data Interface Modes
−
I2S, Left, Right Justified or DSP
−
16/20/24/32 bit Word Lengths
•
Four Independent stereo DAC outputs with independent
digital volume controls
•
Master or Slave Audio Data Interface
•
2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply
Operation
•
28 lead SSOP Package
APPLICATIONS
•
DVD Players
•
Surround Sound AV Processors and Hi-Fi systems
•
Automotive Audio
BLOCK DIAGRAM


Similar Part No. - WM8768

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8768 WOLFSON-WM8768 Datasheet
393Kb / 38P
24-bit, 192kHz 8-Channel DAC
WM8768EDS WOLFSON-WM8768EDS Datasheet
393Kb / 38P
24-bit, 192kHz 8-Channel DAC
WM8768EDS/R WOLFSON-WM8768EDS/R Datasheet
393Kb / 38P
24-bit, 192kHz 8-Channel DAC
WM8768GEDS WOLFSON-WM8768GEDS Datasheet
393Kb / 38P
24-bit, 192kHz 8-Channel DAC
WM8768GEDS/R WOLFSON-WM8768GEDS/R Datasheet
393Kb / 38P
24-bit, 192kHz 8-Channel DAC
More results

Similar Description - WM8768

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
WM8768 WOLFSON-WM8768 Datasheet
393Kb / 38P
24-bit, 192kHz 8-Channel DAC
WM8766 WOLFSON-WM8766 Datasheet
332Kb / 32P
24 BIT 192KHZ 6 CHANNEL DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8766 WOLFSON-WM8766_05 Datasheet
380Kb / 36P
24-bit, 192kHz 6-Channel DAC
logo
Asahi Kasei Microsystem...
AK4346 AKM-AK4346 Datasheet
370Kb / 31P
3.3V 192kHz 24-Bit 6-Channel DAC
AK4348 AKM-AK4348 Datasheet
377Kb / 31P
3.3V 192kHz 24-Bit 8-Channel DAC
logo
Wolfson Microelectronic...
WM8768 WOLFSON-WM8768_10 Datasheet
413Kb / 38P
24-bit, 192kHz 8-Channel DAC
logo
Cirrus Logic
WM8766 CIRRUS-WM8766 Datasheet
375Kb / 36P
24-bit, 192kHz 6-Channel DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com