Electronic Components Datasheet Search
  English  ▼

X  

WM8768 Datasheet(PDF) 16 Page - Cirrus Logic

Part # WM8768
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8768 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button WM8768 Datasheet HTML 12Page - Cirrus Logic WM8768 Datasheet HTML 13Page - Cirrus Logic WM8768 Datasheet HTML 14Page - Cirrus Logic WM8768 Datasheet HTML 15Page - Cirrus Logic WM8768 Datasheet HTML 16Page - Cirrus Logic WM8768 Datasheet HTML 17Page - Cirrus Logic WM8768 Datasheet HTML 18Page - Cirrus Logic WM8768 Datasheet HTML 19Page - Cirrus Logic WM8768 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
WM8768
Production Data
w
PD Rev 4.3 July 2010
16
DIGITAL AUDIO INTERFACE
MASTER AND SLAVE MODES
The audio interface operates in either Slave or Master mode, selectable using the MS control bit. In
both Master and Slave modes DIN1/2/3/4 are always inputs to the WM8768. The default is Slave
mode.
In Slave mode, LRCLK and BCLK are inputs to the WM8768 (Figure 11). DIN1/2/3/4 and LRCLK are
sampled by the WM8768 on the rising edge of BCLK.
By setting the control bit BCP the polarity of BCLK may be reversed so that DIN1/2/3/4 and LRCLK
are sampled on the falling edge of BCLK .
BCLK
DIN1/2/3/4
LRCLK
WM8768
DAC
DSP/
DECODER
4
Figure 11 Slave Mode
In Master mode, LRCLK and BCLK are outputs from the WM8768 (Figure 12). LRCLK and BCLK are
generated by the WM8768. DIN1/2/3/4 are sampled by the WM8768 on the rising edge of BCLK so
the controller must output DAC data that changes on the falling edge of BCLK.
By setting control bit BCP the polarity of BCLK may be reversed so that DIN1/2/3/4 are sampled on
the falling edge of BCLK..
BCLK
DIN1/2/3/4
LRCLK
WM8768
DAC
DSP/
DECODER
4
Figure 12 Master Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com