Electronic Components Datasheet Search
  English  ▼

X  

72022 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 72022
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

72022 Datasheet(HTML) 9 Page - Vishay Siliconix

  72022 Datasheet HTML 1Page - Vishay Siliconix 72022 Datasheet HTML 2Page - Vishay Siliconix 72022 Datasheet HTML 3Page - Vishay Siliconix 72022 Datasheet HTML 4Page - Vishay Siliconix 72022 Datasheet HTML 5Page - Vishay Siliconix 72022 Datasheet HTML 6Page - Vishay Siliconix 72022 Datasheet HTML 7Page - Vishay Siliconix 72022 Datasheet HTML 8Page - Vishay Siliconix 72022 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Si4370DY
Vishay Siliconix
Document Number: 72022
S-32621—Rev. C, 29-Dec-03
www.vishay.com
9
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
SCHOTTKY
VDS − Drain-to-Source Voltage (V)
Capacitance
0
25
50
75
100
125
150
0
40
80
120
160
200
0
6
12
18
24
30
20
10
0.0001
Reverse Current vs. Junction Temperature
TJ − Temperature (_C)
0.0
0.3
0.6
0.9
1.2
1.5
10
1
Forward Voltage Drop
VF − Forward Voltage Drop (V)
TJ = 150_C
TJ = 25_C
30 V
24 V
0.001
0.01
0.1
1
Coss



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com