Electronic Components Datasheet Search
  English  ▼

X  

GS1117CT Datasheet(PDF) 6 Page - Vishay Siliconix

Part # GS1117CT
Description  800mA Low Dropout Positive Adjustable Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1117CT Datasheet(HTML) 6 Page - Vishay Siliconix

  GS1117CT Datasheet HTML 1Page - Vishay Siliconix GS1117CT Datasheet HTML 2Page - Vishay Siliconix GS1117CT Datasheet HTML 3Page - Vishay Siliconix GS1117CT Datasheet HTML 4Page - Vishay Siliconix GS1117CT Datasheet HTML 5Page - Vishay Siliconix GS1117CT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GS1117
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 74802
6
20-Feb-02
Case Outlines
3.15
2.90
6.80
6.30
Top View
7.30
6.70
3.70
3.30
0.80
0.60
12
3
1.80
Max.
13
° ±3°
0.12
0.02
2.30
Typ.
0.35
0.24
0.91
Min.
SOT-223
Dimensions in millimeters
9.65
10.29
8.63
9.66
14.60
15.88
1
23
4.06
4.83
1.14
1.40
0.7 (max.)
2.28
2.80
0.50
1.00
1.14
1.40
2.54 (TYP.)
1.40 (max.)
TO-263
TO-252 (DPAK)
5.59
5.33
10.42
9.40
5.46
5.21
6.73
6.35
0.58
0.46
2.38
2.19
2.28 (TYP.)
0.88
0.64
1
3
2
1.27
1.02
0.51 (min.)
TO-220
10.66
9.66
6.35 Max.
3.42
2.54
4.08
3.54
6.85
5.85
16.51
14.23
14.73
12.70
1.77
1.15
1.01
0.38
2.79
2.29
(with plating)
4.82
3.56
1.39
0.51
1.14
0.31
2.92
2.04
(with plating)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com