Electronic Components Datasheet Search
  English  ▼

X  

GS1117CT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GS1117CT
Description  800mA Low Dropout Positive Adjustable Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1117CT Datasheet(HTML) 1 Page - Vishay Siliconix

  GS1117CT Datasheet HTML 1Page - Vishay Siliconix GS1117CT Datasheet HTML 2Page - Vishay Siliconix GS1117CT Datasheet HTML 3Page - Vishay Siliconix GS1117CT Datasheet HTML 4Page - Vishay Siliconix GS1117CT Datasheet HTML 5Page - Vishay Siliconix GS1117CT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GS1117
Vishay Semiconductors
formerly General Semiconductor
Document Number 74802
www.vishay.com
20-Feb-02
1
New Product
800mA Low Dropout
Positive Adjustable Regulator
Description
The GS1117 is a low dropout three terminal regulator with
800mA output current capability. The output voltage is
adjustable with the use of a resistor divider. For fixed out-
put voltage versions, the output voltage is internally set at
2.5V, 2.85V, 3.3V or 5V. Dropout is guaranteed at a maxi-
mum of 1.4V at maximum output current. Its low dropout
voltage and fast transient response make it ideal for low
voltage microprocessor applications. Internal thermal limiting
provides protection against any overload condition that
would create excessive junction temperatures.
Applications
• SCSI-2 Active Terminator
• Post Regulator for Switching Supply
• Battery Chargers
• Constant-Current Regulators
• PC Add-On Card
Mechanical Data
Case: TO-220AB, TO-263AB (D2PAK),
TO-252 (DPAK) and SOT-223
High temperature soldering guaranteed:
260°C/10 seconds at terminals
Case outlines are on the back page
+
+
--
For
fixed
voltage
device
Thermal
Limit
Current
Amp
Current
Limit
GM
VOUT
VIN
ADJ
GND
VREF
1.25V
55
µA
Functional Block Diagram
Features
• Dropout Voltage 1.2V at 800mA Output Current
• Fast Transient Response
• Line Regulation typically at 0.015%
• Load Regulation typically at 0.1%
• Internal thermal limiting
• Adjustable Output Voltage or Fixed 2.5V, 2.85V, 3.3V, 5V
• Standard 3-Pin Power Packages
TO-220AB
TO-263AB
(D2Pak)
GS1117CT
GS1117CM
GS1117CE
TO-252
(DPak)
1
2
3
1
2
3
1
2
3
GS1117CST
SOT-223
1
2
3
Pin Definition
1. Adjust/Gnd.
2. Vout (tab)
3. Vin


Similar Part No. - GS1117CT

ManufacturerPart #DatasheetDescription
logo
Globaltech Semiconducto...
GS1117A GLOBALTECH-GS1117A Datasheet
670Kb / 10P
1A Low Dropout Voltage Regulator
Version_2.4
GS1117AD GLOBALTECH-GS1117AD Datasheet
670Kb / 10P
1A Low Dropout Voltage Regulator
Version_2.4
GS1117AD12F GLOBALTECH-GS1117AD12F Datasheet
670Kb / 10P
1A Low Dropout Voltage Regulator
Version_2.4
GS1117AD15F GLOBALTECH-GS1117AD15F Datasheet
670Kb / 10P
1A Low Dropout Voltage Regulator
Version_2.4
GS1117AD18F GLOBALTECH-GS1117AD18F Datasheet
670Kb / 10P
1A Low Dropout Voltage Regulator
Version_2.4
More results

Similar Description - GS1117CT

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117 Datasheet
111Kb / 7P
800mA Low Dropout Positive Adjustable Regulator
AIC1732 AIC-AIC1732 Datasheet
98Kb / 6P
800mA Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B Datasheet
152Kb / 6P
800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
800mA Low Dropout Positive Voltage Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
800mA Adjustable Low-Dropout Linear Regulator
logo
Taiwan Semiconductor Co...
TS1117S TSC-TS1117S Datasheet
362Kb / 6P
800mA Low Dropout Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117_15 Datasheet
260Kb / 12P
800mA Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com