Electronic Components Datasheet Search
  English  ▼

X  

564R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 564R
Description  Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

564R Datasheet(HTML) 2 Page - Vishay Siliconix

  564R Datasheet HTML 1Page - Vishay Siliconix 564R Datasheet HTML 2Page - Vishay Siliconix 564R Datasheet HTML 3Page - Vishay Siliconix 564R Datasheet HTML 4Page - Vishay Siliconix 564R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
564R and 565R Series
www.vishay.com
Vishay Cera-Mite
Revision: 06-Jul-16
2
Document Number: 23118
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
ORDERING INFORMATION, CERAMIC 2 kVDC
C
(pF)
TOL.
(%)
Dmax.
DIAMETER
INCH (mm)
Tmax.
THICKNESS
INCH (mm)
LS
LEAD SPACE
INCH (mm)
± 1 mm
LO
LEAD OFFSET
INCH (mm)
± 0.5 mm
WIRE SIZE
ORDERING
CODE
AWG
INCH (mm)
X7R
100
± 10
0.330 (8.4)
0.190 (4.8)
0.250 (6.4)
0.075 (1.9)
20
0.032 (0.81)
564R20TST10
220
0.180 (4.6)
0.071 (1.8)
564R20TST22
330
0.075 (1.9)
564R20TST33
470
0.170 (4.3)
0.063 (1.6)
564R20TST47
560
0.185 (4.7)
0.087 (2.2)
564R20TST56
680
0.175 (4.4)
0.075 (1.9)
564R20TST68
1000
0.400 (10.2)
0.083 (2.1)
564R20TSD10
1500
0.460 (11.7)
0.160 (4.1)
0.063 (1.6)
564R20TSD15
1800
0.170 (4.3)
0.055 (1.4)
564R20TSD18
2200
0.067 (1.7)
564R20TSD22
3300
0.530 (13.5)
0.063 (1.6)
564R20TSD33
3900
0.680 (17.3)
0.075 (1.9)
564R20TSD39
4700
0.375 (9.5)
0.071 (1.8)
564R20TSD47
Y5S
1000
± 20
0.330 (8.4)
0.175 (4.4)
0.250 (6.4)
0.067 (1.7)
20
0.032 (0.81)
564R20TSSD10
2200
0.460 (11.7)
0.170 (4.3)
0.071 (1.8)
564R20TSSD22
5600
0.790 (20.0)
0.190 (4.8)
0.375 (9.5)
0.091 (2.3)
564R20TSSD56
Y5U
1000
± 20
0.330 (8.4)
0.170 (4.3)
0.250 (6.4)
0.067 (1.7)
20
0.032 (0.81)
564R20GAD10
1500
0.330 (8.4)
0.170 (4.3)
0.071 (1.8)
564R20GAD15
Z5U
1800
± 20
0.360 (9.1)
0.170 (4.3)
0.250 (6.4)
0.071 (1.8)
20
0.032 (0.81)
564R20GAD18
2200
0.400 (10.2)
0.175 (4.4)
0.075 (1.9)
564R20GAD22
3300
0.430 (10.9)
0.071 (1.8)
564R20GAD33
4700
0.530 (13.5)
0.170 (4.3)
0.075 (1.9)
564R20GAD47
6800
0.560 (14.2)
0.375 (9.5)
0.067 (1.7)
564R20GAD68
Y5V
0.01 μF
± 20
0.620 (15.7)
0.170 (4.3)
0.375 (9.5)
0.067 (1.7)
20
0.032 (0.81)
564R20GASS10
0.05 μF
0.950 (24.1)
0.174 (4.4)
0.067 (1.7)
20
564R20GAS50
0.10 μF
0.950 (24.1)
0.240 (6.1)
0.067 (1.7)
22
0.025 (0.64)
565R20GAP10
T
max.
LS
1.250 min.
(32)
Tinned copper leads
D
max.
LO
Ø



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com