Electronic Components Datasheet Search
  English  ▼

X  

564R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 564R
Description  Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

564R Datasheet(HTML) 3 Page - Vishay Siliconix

  564R Datasheet HTML 1Page - Vishay Siliconix 564R Datasheet HTML 2Page - Vishay Siliconix 564R Datasheet HTML 3Page - Vishay Siliconix 564R Datasheet HTML 4Page - Vishay Siliconix 564R Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
564R and 565R Series
www.vishay.com
Vishay Cera-Mite
Revision: 06-Jul-16
3
Document Number: 23118
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION, CERAMIC 3 kVDC
C
(pF)
TOL.
(%)
Dmax.
DIAMETER
INCH (mm)
Tmax.
THICKNESS
INCH (mm)
LS
LEAD SPACE
INCH (mm)
± 1 mm
LO
LEAD OFFSET
INCH (mm)
± 0.5 mm
WIRE SIZE
ORDERING
CODE
AWG
INCH (mm)
U2J (N750)
10
± 20
0.330 (8.4)
0.210 (5.3)
0.250 (6.4)
0.110 (2.8)
20
0.032 (0.81)
564R30GAQ10
R3L (N2200)
22
± 20
0.330 (8.4)
0.200 (5.1)
0.250 (6.4)
0.102 (2.6)
20
0.032 (0.81)
564R30GAQ22
27
0.190 (4.8)
0.091 (2.3)
564R30GAQ27
33
0.170 (4.3)
0.071 (1.8)
564R30GAQ33
X5F
56
± 20
0.330 (8.4)
0.190 (4.8)
0.250 (6.4)
0.091 (2.3)
20
0.032 (0.81)
564R30GAQ56
68
0.200 (5.1)
0.102 (2.6)
564R30GAQ68
270
0.180 (4.6)
0.083 (2.1)
564R30GAT27
X5R
330
± 20
0.330 (8.4)
0.175 (4.4)
0.250 (6.4)
0.075 (1.9)
20
0.032 (0.81)
564R30GAT33
X5S
470
± 20
0.330 (8.4)
0.175 (4.4)
0.250 (6.4)
0.075 (1.9)
20
0.032 (0.81)
564R30GAT47
X7R
47
± 20
0.330 (8.4)
0.230 (5.8)
0.250 (6.4)
0.130 (3.3)
20
0.032 (0.81)
564R30GAQ47
100
0.180 (4.6)
0.083 (2.1)
564R30GAT10
150
0.190 (4.8)
0.091 (2.3)
564R30GAT15
220
0.175 (4.4)
0.075 (1.9)
564R30GAT22
390
0.083 (2.1)
564R30GAT39
680
± 10
0.180 (4.6)
0.079 (2.0)
564R30TST68
1000
0.400 (10.2)
0.190 (4.8)
0.091 (2.3)
564R30TSD10
1500
0.490 (12.5)
0.185 (4.7)
564R30TSD15
1800
0.530 (13.5)
0.087 (2.2)
564R30TSD18
2200
0.180 (4.6)
0.079 (2.0)
564R30TSD22
2700
0.620 (15.7)
0.185 (4.7)
0.083 (2.1)
564R30TSD27
3300
0.170 (4.3)
0.375 (9.5)
0.075 (1.9)
564R30TSD33
3900
0.720 (18.3)
0.185 (4.7)
0.087 (2.2)
564R30TSD39
4700
0.175 (4.4)
0.075 (1.9)
564R30TSD47
6800
0.900 (22.9)
0.185 (4.7)
0.087 (2.2)
564R30TSD68
Y5S
1000
± 20
0.400 (10.2)
0.190 (4.8)
0.250 (6.4)
0.098 (2.5)
20
0.032 (0.81)
564R30TSSD10
1500
0.460 (11.7)
0.091 (2.3)
564R30TSSD15
1800
0.490 (12.4)
564R30TSSD18
2200
0.530 (13.5)
0.087 (2.2)
564R30TSSD22
2700
0.560 (14.2)
0.185 (4.7)
564R30TSSD27
3300
0.620 (15.7)
0.375 (9.5)
0.083 (2.1)
564R30TSSD33
3900
0.680 (17.3)
0.087 (2.2)
564R30TSSD39
4700
0.091 (2.3)
564R30TSSD47
5600
0.790 (20.0)
0.190 (4.8)
564R30TSSD56
6800
0.900 (22.9)
0.205 (5.2)
0.102 (2.6)
564R30TSSD68
Y5U
680
± 20
0.330 (8.4)
0.175 (4.4)
0.250 (6.4)
0.075 (1.9)
20
0.032 (0.81)
564R30GAT68
0.010 μF
0.720 (18.3)
0.185 (4.7)
0.375 (9.5)
0.091 (2.3)
564R30GAS10
Z5U
1000
± 20
0.330 (8.4)
0.195 (5.0)
0.250 (6.4)
0.098 (2.5)
20
0.032 (0.81)
564R30GAD10
1500
0.360 (9.1)
0.190 (4.8)
0.091 (2.3)
564R30GAD15
1800
0.400 (10.2)
0.098 (2.5)
564R30GAD18
2200
0.430 (10.9)
0.091 (2.3)
564R30GAD22
2700
0.460 (11.7)
0.200 (5.1)
0.098 (2.5)
564R30GAD27
3300
0.530 (13.5)
0.185 (4.7)
0.087 (2.2)
564R30GAD33
3900
0.375 (9.5)
0.091 (2.3)
564R30GAD39
4700
0.620 (15.7)
0.195 (5.0)
564R30GAD47
6800
0.720 (18.3)
0.200 (5.1)
0.102 (2.6)
564R30GAD68
8200
564R30GAD82
0.033 μF
0.900 (22.9)
0.240 (6.1)
0.087 (2.2)
22
0.025 (0.64)
565R30GASS33



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com