Electronic Components Datasheet Search
  English  ▼

X  

99026 Datasheet(PDF) 5 Page - IXYS Corporation

Part # 99026
Description  HALF BRIDGE DRIVER Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

99026 Datasheet(HTML) 5 Page - IXYS Corporation

  99026 Datasheet HTML 1Page - IXYS Corporation 99026 Datasheet HTML 2Page - IXYS Corporation 99026 Datasheet HTML 3Page - IXYS Corporation 99026 Datasheet HTML 4Page - IXYS Corporation 99026 Datasheet HTML 5Page - IXYS Corporation 99026 Datasheet HTML 6Page - IXYS Corporation 99026 Datasheet HTML 7Page - IXYS Corporation 99026 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
EVBD4400
OPERATION:
For performance evaluation and power
system design please note the following:
a) The assembled board can be ran with the
IXDP630/631 removed by applying comple-
mentary 5V square waves with proper "dead
time" to the input pins INL (P1-3) and INH (P1-
2).
For standard IXDP630 operation, R17
and C22 have been loaded with their respec-
tive values represented on the bill of materi-
als. These values are for demonstration and
may not be appropriate for your application.
Change values as needed. For IXDP631
operation, load R17, C22, C23 with the rec-
ommended load components as outlined in
the IXDP630/631 data sheet along with the
crystal at the frequency of choice. R17 and
C22 serve a dual purpose depending on
which dead timer is selected.
d) Figure 4 shows the load terminated at point
A. This point could be connected to a number of
places depending on the application. For ex-
ample: Connection to ground will test the high
side device. Connection to DC BUS will test the
low side device. It could also be connected to
the center point of a capacitive divider (UPS
systems).
e) Figure 5 shows a three phase power system
implementation with a load configured in a Y
(star). It could also be configured in a DELTA
configuration. Please note the grounding
scheme. Cut the connection between "ground
plane 2" and "ground plane 4" on the compo-
nents side of the PCB and solder a 10 Ohm
resistor between these ground planes. The GND
of each board is terminated to a single ground
point.
c) Before using the PCB at full power or at-
tempting a short circuit test, make sure that a
proper high voltage electroytic capacitor is
connected between DC BUS and GND as
shown in Figure 4. The leads to this capacitor
should be as short as possible to minimize any
stray inductance.
b) Be careful with ground connections.
Avoid ground loops. In general, connect the
grounds as shown in Figure 4 to minimize
ground bounce effects. This is particularly
important when three "High/Low side driver
design kits" are connected together with a
single IXDP630 to form a three phase drive
system, such as that shown in Figure 5.
To add phases 'S' and / or 'T', enable
phases with jumpers at JP1 and/or JP2 and
apply PWM phase drive signals to TP7 and/
or TP8 taking the respective complementary
outputs from TP3 through TP6. Note that
TP1-TP15 are through-hole pads that have
been added to the board to serve as conve-
nient solder and / or test points.
If additional 'slave' boards are to be
used for mutiple phase operation, R17 -
R19, C20 - C23, and Y1 do not need to be
installed on the addtional slave boards.
The IXDP630 is hardwired for phase
'R' operation, see 630/631 data sheet, with
pins OUTENA, ENAR, and RESET tied high.
PWM drive input signal for ' R' phase is
applied to P1-6.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com