Electronic Components Datasheet Search
  English  ▼

X  

99026 Datasheet(PDF) 1 Page - IXYS Corporation

Part # 99026
Description  HALF BRIDGE DRIVER Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

99026 Datasheet(HTML) 1 Page - IXYS Corporation

  99026 Datasheet HTML 1Page - IXYS Corporation 99026 Datasheet HTML 2Page - IXYS Corporation 99026 Datasheet HTML 3Page - IXYS Corporation 99026 Datasheet HTML 4Page - IXYS Corporation 99026 Datasheet HTML 5Page - IXYS Corporation 99026 Datasheet HTML 6Page - IXYS Corporation 99026 Datasheet HTML 7Page - IXYS Corporation 99026 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
• High to low side isolation of 1000V
• Common-mode dv/dt immunity of greater than
50V/nanosecond
• On-chip generated negative gate drive
• Overcurrent protection by means of desaturation
detection
• Under voltage lockout
• Fault indication output for system diagnostic
• Optimized power circuit layout
• High side bootstrap supply
• Sockets for freewheeling fast recovery diodes
(FREDS)
• Flexibility of power level utilization
• 5V compatible HCMOS input logic with hysterisis
• Protection from cross conduction of the half
bridge
• Simple, fast and low cost means of evaluation
and design
• Option for using IXDP630 with RC oscillator or
IXDP631 with crystal oscillator for improved dead
time accuracy.
• Three phase operation with the ability to attach
additional slave driver boards.
First Release
Copyright © IXYS CORPORATION 2003
Introduction
The EVBD4400 evaluation board implements a single
power phaseleg circuit on a double sided PCB with
ground plane, using the proven ISOSMARTTM HALF
BRIDGE DRIVER CHIPSET - IXBD4410, IXBD4411,
IXDP630. The IXDP631 is optional. This board includes
all parts required for the circuit implementation so that
you can just follow the instructions in this document and
connect the board to the load and power. The kit
consists of an assembled and tested PCB with two
power devices.
Any power circuit is layout sensitive. The layout of this kit
is a proven, working layout. The designer is invited to
duplicate this layout in his system, following the evaluation
ofthedriverchipset.
Most systems vary in their power level requirements and
therefore the power devices used. Due to this fact and
fluctuations in availability of power devices, the kit will not
always include the same power devices. The designer is
encouraged to use the power devices that are required for
his system. The devices that are enclosed serve only for
initialevaluation.
DS99026A(07/03)
HALF BRIDGE DRIVER Evaluation Board
EVBD4400
Figure 1: EVBD4400 Assembled PC board


Similar Part No. - 99026

ManufacturerPart #DatasheetDescription
logo
Littelfuse
99026 LITTELFUSE-99026 Datasheet
173Kb / 1P
RELAY SOCKETS
092016
More results

Similar Description - 99026

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
EV6R11 IXYS-EV6R11 Datasheet
780Kb / 7P
IX6R11 HALF BRIDGE DRIVER Evaluation Board
logo
Monolithic Power System...
EV8042DF-00B MPS-EV8042DF-00B Datasheet
247Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
logo
ON Semiconductor
LV8762TEVB ONSEMI-LV8762TEVB Datasheet
54Kb / 1P
1-Channel H-Bridge Driver Evaluation Board
logo
Monolithic Power System...
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
0.6A, 14V Half H-bridge Motor Driver Evaluation Board
EV8042DF-00C MPS-EV8042DF-00C Datasheet
285Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8046DF-00A MPS-EV8046DF-00A Datasheet
230Kb / 5P
High Current, Dual Channel Power Half-Bridge Evaluation Board
EV8048DQK-00A MPS-EV8048DQK-00A Datasheet
338Kb / 8P
22V, 4A Quad Channel Power Half-Bridge Evaluation Board
EVQ6523-R-00A MPS-EVQ6523-R-00A Datasheet
483Kb / 5P
0.9A, 28V Three half-bridge Motor Driver Evaluation Board
EVQ6526-R-00A MPS-EVQ6526-R-00A Datasheet
653Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
EVQ6526-U-00A MPS-EVQ6526-U-00A Datasheet
614Kb / 6P
0.9A, 28V Six Half-Bridge Motor Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com