Electronic Components Datasheet Search
  English  ▼

X  

XC62GP5012ML Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC62GP5012ML
Description  Positive Voltage Regulators (Output On/Off)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62GP5012ML Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC62GP5012ML Datasheet HTML 5Page - Torex Semiconductor XC62GP5012ML Datasheet HTML 6Page - Torex Semiconductor XC62GP5012ML Datasheet HTML 7Page - Torex Semiconductor XC62GP5012ML Datasheet HTML 8Page - Torex Semiconductor XC62GP5012ML Datasheet HTML 9Page - Torex Semiconductor XC62GP5012ML Datasheet HTML 10Page - Torex Semiconductor XC62GP5012ML Datasheet HTML 11Page - Torex Semiconductor XC62GP5012ML Datasheet HTML 12Page - Torex Semiconductor XC62GP5012ML Datasheet HTML 13Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
XC62G
Series
323
3
(4) CE PIN THRESHOLD VOLTAGE vs. INPUT VOLTAGE
(5) SUPPLY CURRENT vs. INPUT VOLTAGE
0.2
0.4
0.3
0.5
0.6
0.7
02468
10
Input Voltage:VIN(V)
XC62GR5012(5V) 
Topr=−30℃
25℃
80℃
"L"level voltage
"H"level voltage
0.2
0.4
0.3
0.5
0.6
0.7
02468
10
Input Voltage:VIN(V)
XC62GR3012(3V) 
Topr=−30℃
25℃
80℃
"L"level voltage
"H"level voltage
0
5
10
15
20
02468
10
Input Voltage:VIN(V)
XC62GR5012(5V)
Topr=80℃
25℃
−30℃
6
10
8
12
14
16
56789
10
Input Voltage:VIN(V)
XC62GR5012(5V)
Topr=80℃
25℃
−30℃
0
20
15
10
5
25
30
35
02468
10
Input Voltage:VIN(V)
XC62GR5022(5V HIGH SPEED)
Topr=80℃
25℃
−30℃
10
20
15
25
30
35
56789
10
Input Voltage:VIN(V)
XC62GR5022(5V HIGH SPEED)
Topr=80℃
25℃
−30℃
0
5
10
15
20
02468
10
Input Voltage:VIN(V)
XC62GR3012(3V)
Topr=80℃
25℃
−30℃
6
10
8
12
14
16
3456789
10
Input Voltage:VIN(V)
XC62GR3012(3V)
Topr=80℃
25℃
−30℃
03S_07XC62G 02.9.12 3:04 PM ページ 323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com