Electronic Components Datasheet Search
  English  ▼

X  

XC62GP5012ML Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC62GP5012ML
Description  Positive Voltage Regulators (Output On/Off)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62GP5012ML Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC62GP5012ML Datasheet HTML 5Page - Torex Semiconductor XC62GP5012ML Datasheet HTML 6Page - Torex Semiconductor XC62GP5012ML Datasheet HTML 7Page - Torex Semiconductor XC62GP5012ML Datasheet HTML 8Page - Torex Semiconductor XC62GP5012ML Datasheet HTML 9Page - Torex Semiconductor XC62GP5012ML Datasheet HTML 10Page - Torex Semiconductor XC62GP5012ML Datasheet HTML 11Page - Torex Semiconductor XC62GP5012ML Datasheet HTML 12Page - Torex Semiconductor XC62GP5012ML Datasheet HTML 13Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
XC62G Series
324
3
(6) OUTPUT VOLTAGE vs. AMBIENT TEMPERATURE
(7) SUPPLY CURRENT vs. AMBIENT TEMPERATURE
4.90
4.95
5.00
5.05
5.10
−40
−20
0
20406080
Ambient Temp.:Topr(℃)
XC62GR5012(5V)
IOUT=10mA
40mA
VIN=6V
CIN=4.7
µF(tantalum), CL=10µF(tantalum)
2.90
2.95
3.00
3.05
3.10
−40
−20
0
20406080
Ambient Temp.:Topr(℃)
XC62GR3012(3V)
IOUT=10mA
40mA
VIN=4V
CIN=4.7
µF(tantalum), CL=10µF(tantalum)
6
8
10
12
14
16
−40
−20
0
20406080
Ambient Temp.:Topr(℃)
XC62GR5012(5V)
VIN=6V
10
15
20
25
30
35
−40
−20
0
20406080
Ambient Temp.:Topr(℃)
XC62GR5022(5V HIGH SPEED)
VIN=6V
6
8
10
12
14
16
−40
−20
0
20406080
Ambient Temp.:Topr(℃)
XC62GR3012(3V)
VIN=4V
10
15
20
25
30
35
−40
−20
0
20406080
Ambient Temp.:Topr(℃)
XC62GR3022(3V HIGH SPEED)
VIN=4V
0
20
15
10
5
25
30
35
02468
10
Input Voltage:VIN(V)
XC62GR3022(3V HIGH SPEED)
Topr=80℃
25℃
−30℃
10
20
15
25
30
35
3456789
10
Input Voltage:VIN(V)
XC62GR3022(3V HIGH SPEED)
Topr=80℃
25℃
−30℃
(5) SUPPLY CURRENT vs. INPUT VOLTAGE
03S_07XC62G 02.9.12 3:04 PM ページ 324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com