Electronic Components Datasheet Search
  English  ▼

X  

ACX312 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ACX312
Description  Miniature High-Precision 4.6 cm (1.8-type) 118K-Dot Digital Still Camera Color LCD Features a Viewing Area Ratio of 100%
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACX312 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ACX312 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACX312 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Miniature High-Precision 4.6 cm (1.8-type) 118K-Dot Digital Still Camera Color LCD
Features a Viewing Area Ratio of 100%
ACX312AK
The 1.8-type color LCD panel is widely used as the monitor
in digital still cameras.
Sony has already released the ACX306AK low-temperature
polycrystalline silicon TFT LCD as a 1.5-type 118K-Dot min-
iature high-precision model.
Sony has now added the 1.8-type ACX312AK, which provides
the same functionality with the same number of dots, to their
product line, expanding the Sony lineup of products for use
in digital still cameras.
s
4.6 cm (1.8-type) 118K dots
s
Complete 100% viewing area ratio with 0%
overscan
s
High contrast (200:1) and high optical
transmittance (8.6%) despite miniaturization
s
Power saving function provides even lower
power consumption during standby mode
s
Up/down and/or right/left inversion
functions
s
Supports NTSC and PAL
VOICE
Of our low-temperature polycrys-
talline silicon LCD products, the
ACX312AK aims to become a
de facto standard due to its
specialization for use in digital
still cameras. This LCD repre-
sents the crystallization of efforts
and technologies contributed by
many engineers, and we are
convinced that this device is
superior to other manufacturers’
LCDs, both in performance and
quality. I hope many digital still
camera developers will adopt this
product.
Viewing Area Ratio of
100%
The ACX312AK achieves a viewing
area ratio of 100% by setting the
overscan to 0%. This allows all of the
image taken by the CCD to be displayed
with nothing missing to prevent the loss
of critical images.
Full Complement of
Functions Despite
Miniaturization
By adopting Sony’s TFT polycrystalline
silicon technology developed over many
years, the ACX312AK manages to pro-
vide all of the functions of the conven-
Improved Ease of Use
The CXA3572R provides many advan-
tages over the conventional CXA3522R.
(See table 2.) First, the package has been
reduced in size from a 72-pin LQFP to
a 48-pin LQFP, thus cutting in half the
space taken by the IC on the printed
circuit board. This increases the degrees
of freedom available in end product
design. Second, the VCO has been
integrated on the chip, obviating the
need for an external oscillator circuit
and reducing the number of external
components required. The previously
required PSIG buffer is planned to be
integrated as well, allowing a further
parts count reduction. Furthermore,
since this 1.8-type device has the same
number of dots as the conventional 1.5-
type device, the same printed circuit
board can also be used for end products
that use a 1.5-type device, thus contrib-
uting to reduced design costs when
creating a line of end products.
tional ACX300 Series products (2.0
type to 3.5 type) despite its ultrasmall
form. In particular, it includes up/down
and/or right/left inversion functions to
increase the degrees of freedom avail-
able in end product design. Further-
more, it achieves high contrast (200:1)
and high transmittance (8.6%), and is
at the top level of number of effective
pixels per unit area (115.4 dots/mm2)
in the ACX300 Series. As a result, it
provides smooth fine-grained images
with no apparent dots and a high pic-
ture quality. At the same time it can
contribute to reduced overall power
consumption in end product designs.
System IC
Sony provides the new CXA3572R
system IC, which was developed along
with the ACX312AK. This system IC
integrates the timing generator and the
RGB drivers on a single chip. The
CXA3572R supports both NTSC and
PAL, and accepts either Y/color differ-
ence or RGB signals as input. It includes
up/down and/or right/left inversion
functions to take advantage of the pan-
els’ features. Furthermore, it includes
power saving functions to reduce power
consumption in standby mode even
further. (See figures 2 and 3.)


Similar Part No. - ACX312

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACX310 ETC-ACX310 Datasheet
32Kb / 2P
High-Transmittance/Low-Power Transmissive Color 8.8 cm (3.5-type) 123K-Dot LCD Panel
ACX310AK ETC-ACX310AK Datasheet
32Kb / 2P
High-Transmittance/Low-Power Transmissive Color 8.8 cm (3.5-type) 123K-Dot LCD Panel
logo
Sony Corporation
ACX318 SONY-ACX318 Datasheet
33Kb / 2P
Digital Camera LCD Product Line Features Low Power and Digital Interface Support
ACX319 SONY-ACX319 Datasheet
33Kb / 2P
Digital Camera LCD Product Line Features Low Power and Digital Interface Support
More results

Similar Description - ACX312

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA8122 PHILIPS-SAA8122 Datasheet
53Kb / 7P
Digital Still Camera
1999 sep 01
logo
Sharp Corporation
LQ056A3CH01 SHARP-LQ056A3CH01 Datasheet
109Kb / 1P
Color TFT-LCD Module(LCD TV/Digital still camera)
LQ064V1DS11 SHARP-LQ064V1DS11 Datasheet
114Kb / 1P
Color TFT-LCD Module(LCD TV/Digital still camera)
LQ4FN31 SHARP-LQ4FN31 Datasheet
54Kb / 1P
Color TFT-LCD Module for AV/Car Navigation(LCD TV/Digital still camera/LCD camcorder)
LQ5AW116 SHARP-LQ5AW116 Datasheet
68Kb / 1P
Color TFT-LCD Module for AV/Car Navigation(Digital still camera/LCD camcorder/LCD TV)
LQ6AN102 SHARP-LQ6AN102 Datasheet
67Kb / 1P
Color TFT-LCD Module for AV/Car Navigation(LCD TV/Digital still camera/LCD camcorder)
logo
Integrated Circuit Syst...
ICS620-01 ICST-ICS620-01 Datasheet
64Kb / 4P
Digital Still Camera Clock Source
Revision 072098
logo
List of Unclassifed Man...
SPCA-533A ETC-SPCA-533A Datasheet
135Kb / 4P
Digital Still Camera Controller
ACX310 ETC-ACX310 Datasheet
32Kb / 2P
High-Transmittance/Low-Power Transmissive Color 8.8 cm (3.5-type) 123K-Dot LCD Panel
BU2382FV ETC2-BU2382FV Datasheet
70Kb / 2P
Clock generator for digital still camera
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com