Electronic Components Datasheet Search
  English  ▼

X  

ACX312 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ACX312
Description  Miniature High-Precision 4.6 cm (1.8-type) 118K-Dot Digital Still Camera Color LCD Features a Viewing Area Ratio of 100%
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACX312 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ACX312 Datasheet HTML 1Page - List of Unclassifed Manufacturers ACX312 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
s Figure 3 CXA3572R Block Diagram
25
SYNC IN
26
DA OUT
27
REF
12
24
37
38
39
40
41
42
43
44
45
46
47
48
23 22
21
20 19 18
15
14
13
16
17
G OUT
11 G DC DET
10 R OUT
9 R DC DET
8 B OUT
7 B DC DET
6 COM
5 GND2
4 TEST
3 VST
2 VCK
1 EN
29
RPD
30
GND1
31
SEN
32
SCK
33
SDAT
34
VD
35
XCLR
36
POF
28
FILTER
ATT
Picture
Hue
color
ATT
ATT
REF
COM
LPF
trap
OSD
BLIM
S/H
Sub-
contrast
User-
bright
Sub-
bright
PSIG-
bright
Clock
generator
Analog block
3-V system
Analog block
12-V system
Digital block
3-V system
Serial I/F
Timing generator
Phase
comparator
PLL
counter
H. filter
Gamma 1
Gamma 2
Contrast
DA
DL
DL
SYNC SEP
Matrix
Picture
f0
SUB-
CONT R
SUB-
CONT B
VCO
ADJ
fine
VCO
ADJ
coarse
CONTRAST
IR
+3 V
0 V
+3 V
0 V
RP
CK
HD_
CSYNC
BLK
FRP
SH2
XCLP SH1
SH3
SH4 XSTBY1
XSTBY2
USER-
BRIGHT
SYNC SEL
γ1
γ2
R-
BRIGHT
B-
BRIGHT
Mode
+3 V
+12 V
Picture
gain
Hue
COM
FRP
Color
R, G, B
DA
BLIM
If the internal sync separation circuit is not used, either CSYNC
or HD and VD are used as the input sync signal.
If the internal sync separation circuit is used, sync on green
(RGB) or Y (Y/color difference) is used as the input sync signal.
Pin used for power saving mode.
VST, VCK, EN, DWN,
WIDE, HST, HCK, RGT
PSIG, VCOM
LCD panel
ACX306BK
(1.5 type)
ACX312AK
(1.8 type)
R, G, B
Video signal*1
(RGB or Y/color difference)
(NTSC/PAL)
CSYNC or
HD, VD*1
3 V
VDD
SDAT, SCK, SEN
POF
*2
CXA3572R
Three-wire serial
communication
(microcomputer
or other device)
*1
*2
s Figure 2 ACX312AK/306BK Drive System Block Diagram (single-chip structure)
Package
Model
CXA3522R
72-pin LQFP
Input method
Y/color difference
or RGB
Display method
NTSC/PAL
Supply voltage
3 V and 12 V
VCO
External
PSIG buffer
External
INPUT SEL*1
Not available
SYNC SEL*2
Not available
CXA3572R
48-pin LQFP
Y/color difference
or RGB
NTSC/PAL
3 V and 12 V
Internal
Planned to be
provided built in
Available
Available
*1: Input signal level setting in RGB mode
*2: On/off setting for the internal sync separation circuit
s Table 2
Drive System IC Specifica-
tions Comparison
Screen size
Model
Number of active dots
Pixel arrangement
Optical transmittance
Contrast ratio
Supply voltage
Display method
Panel dimensions (W
× H × t (mm))
Power consumption
Number of colors
System IC
ACX306AK
3.8 cm (1.5 type)
118K dots (490
× 240)
RGB delta
6.5
200 : 1
12
NTSC/PAL
38.0
× 32.6 × 2.06
43
Analog full color
CXA3572R
ACX306BK
3.8 cm (1.5 type)
118K dots (490
× 240)
RGB delta
7.5
200 : 1
12
NTSC/PAL
38.0
× 32.6 × 2.06
43
Analog full color
CXA3572R
ACX312AK
4.6 cm (1.8 type)
118K dots (490
× 240)
RGB delta
8.6
200 : 1
12
NTSC/PAL
43.6
× 35.9 × 2.06
43
Analog full color
CXA3572R
(H
× V)
(%)
(V)
(mW)
s Table 1 Digital Still Camera LCD Specifications Comparison
s Figure 1 ACX312AK Block Diagram
Voltage set-up generation circuit
Negative voltage generation circuit
COM
pad
COM
LC
Cs
Level
shifter
Horizontal level shifter and shift register
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com