Electronic Components Datasheet Search
  English  ▼

X  

ADS119 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ADS119
Description  12-Bit, 10MHz, Low-Power Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS119 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ADS119 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
®
®
ADS-119
4
Figure 4. Typical Connection Diagram
CALIBRATION PROCEDURE
(Refer to Figures 3 and 4, Table 1)
Any offset and/or gain calibration procedures should not be
implemented until devices are fully warmed up. To avoid
interaction, offset must be adjusted before gain. The ranges of
adjustment for the circuits in Figure 3 and 4 are guaranteed to
compensate for the ADS-119's initial accuracy errors and may
not be able to compensate for additional system errors.
A/D converters are calibrated by positioning their digital outputs
exactly on the transition point between two adjacent digital
output codes. This can be accomplished by connecting LED's
to the digital outputs and adjusting until certain LED's "flicker"
equally between on and off. Other approaches employ digital
comparators or microcontrollers to detect when the outputs
change from one code to the next.
Offset adjusting for the ADS-119 is normally accomplished at
the point where the MSB is a 1 and all other output bits are 0's
and the LSB just changes from a 0 to a 1. This digital output
transition ideally occurs when the applied analog input is
+½ LSB (+366µV).
Gain adjusting is accomplished when all bits are 1's and the
LSB just changes from a 1 to a 0. This transition ideally occurs
when the analog input is at +full scale minus 1 ½ LSB's
(+1.4989V).
Zero/Offset Adjust Procedure
1. Apply a train of pulses to the START CONVERT input
(pin 16) so the converter is continuously converting.
2. Apply +366µV to the ANALOG INPUT (pin 19).
3. Adjust the offset potentiometer until the output bits are
1000 0000 0000 and the LSB flickers between 0 and 1.
Gain Adjust Procedure
1. Apply +1.4989V to the ANALOG INPUT (pin 19).
2. Adjust the gain potentiometer until all output bits are 1's and
the LSB flickers between 1 and 0.
3. To confirm proper operation of the device, vary the input
signal to obtain the output coding listed in Table 1.
+FS–1 LSB
+1.49927V
1111 1111 1111
+3/4 FS
+1.12500V
1110 0000 0000
+1/2 FS
+0.75000V
1100 0000 0000
0
0.00000V
1000 0000 0000
–1/2 FS
–0.75000V
0100 0000 0000
–3/4 FS
–1.12500V
0010 0000 0000
–FS +1 LSB
–1.49927V
0000 0000 0001
–FS
–1.50000V
0000 0000 0000
BIPOLAR
ADS-119
OUTPUT CODING
SCALE
INPUT VOLTAGE
OFFSET BINARY
(±1.5V RANGE)
MSB
LSB
Table 1. Output Coding for Bipolar Operation
To Pin 19
of ADS-119
–15V
SIGNAL
INPUT
GAIN
ADJUST
1.98k
Ω
50
Ω
+15V
2k
Ω
Figure 3. Optional Calibration Circuit, ADS-119
0.1µF
0.1µF
4.7µF
4.7µF
13, 20
20
18, 20
ADS-119
–5V
20k
Ω
+5V
14
–5V
+5V
19
17
16
12
11
10
9
8
7
6
5
4
3
2
1
15
BIT 1 (MSB)
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12 (LSB)
DATA VALID
ANALOG INPUT
START CONVERT
A single +5V supply should be used for both the +5V analog and +5V digital.
If separate supplies are used, the difference between the two cannot exceed 100mV.
Œ
Œ
OFFSET
ADJUST



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com