Electronic Components Datasheet Search
  English  ▼

X  

ADS119 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ADS119
Description  12-Bit, 10MHz, Low-Power Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS119 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ADS119 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS119 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
®
®
ADS-119
12-Bit, 10MHz, Low-Power
Sampling A/D Converters
Figure 1. ADS-119 Functional Block Diagram
DATEL, Inc., 11 Cabot Boulevard, Mansfield, MA 02048-1151 (U.S.A.)
• Tel: (508) 339-3000 Fax: (508) 339-6356 • For immediate assistance: (800) 233-2765
FEATURES
• 12-bit resolution
• 10MHz minimum sampling rate
• Functionally complete
• Small 24-pin DDIP or SMT package
• Requires only ±5V supplies
• Low-power, 1.8 Watts
• Outstanding dynamic performance
• Edge-triggered
• No missing codes over temperature
• Ideal for both time and frequency-domain applications
GENERAL DESCRIPTION
The ADS-119 is a high-performance, 12-bit, 10MHz sampling
A/D converter. The device samples input signals up to Nyquist
frequencies with no missing codes. The ADS-119 features
excellent dynamic performance including a typical SNR of
69dB.
Packaged in a metal-sealed, ceramic, 24-pin DDIP, the
functionally complete ADS-119 contains a fast-settling sample/
hold amplifier, a subranging (two-pass) A/D converter, a
precise voltage reference, timing/control logic, and error-
correction circuitry. All timing and control logic operates from
the rising edge of a single start convert pulse. Digital input and
output levels are TTL.
Requiring only ±5V supplies, the ADS-119 typically dissipates
1.8 Watts. The unit offers a bipolar input range of ±1.5V.
Models are available for use in either commercial (0 to +70°C)
or military (–55 to +125°C) operating temperature ranges.
INPUT/OUTPUT CONNECTIONS
PIN
FUNCTION
PIN
FUNCTION
1
BIT 12 (LSB)
24
NO CONNECT
2
BIT 11
23
ANALOG GROUND
3
BIT 10
22
NO CONNECT
4
BIT 9
21
+5V ANALOG SUPPLY
5
BIT 8
20
–5V SUPPLY
6
BIT 7
19
ANALOG INPUT
7
BIT 6
18
ANALOG GROUND
8
BIT 5
17
OFFSET ADJUST
9
BIT 4
16
START CONVERT
10
BIT 3
15
DATA VALID
11
BIT 2
14
DIGITAL GROUND
12
BIT 1
13
+5V DIGITAL SUPPLY
Typical applications include signal analysis, medical/graphic
imaging, process control, ATE, radar, and sonar.
REF
DAC
12 BIT 1 (MSB)
11 BIT 2
10 BIT 3
9
BIT 4
8
BIT 5
7
BIT 6
6
BIT 7
5
BIT 9
4
BIT 9
3
BIT 10
2
BIT 11
1
BIT 12 (LSB)
TIMING AND
CONTROL LOGIC
OFFSET ADJUST 17
ANALOG INPUT 19
START CONVERT 16
DATA VALID 15
–
+
S/H
BUFFER
FLASH
ADC
1
FLASH
ADC
2
Σ
AMP
21
+5V ANALOG
SUPPLY
20
–5V SUPPLY
18, 23
ANALOG
GROUND
13
+5V DIGITAL
SUPPLY
14
DIGITAL
GROUND
22, 24
NO CONNECT


Similar Part No. - ADS119

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1191 TI1-ADS1191 Datasheet
1Mb / 61P
Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191 Datasheet
1Mb / 68P
Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191IPBS TI1-ADS1191IPBS Datasheet
1Mb / 61P
Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191IPBS TI1-ADS1191IPBS Datasheet
1Mb / 67P
Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191IPBS TI1-ADS1191IPBS Datasheet
1Mb / 68P
Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS119

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
14-Bit, 10MHz Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
12-Bit, 5MHz, Low-Power Sampling A/D Converters
ADS-117 ETC-ADS-117 Datasheet
165Kb / 6P
12-Bit, 2MHz, Low-Power Sampling A/D Converters
ADS-945 ETC1-ADS-945 Datasheet
169Kb / 8P
14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-119 MURATA-PS-ADS-119 Datasheet
136Kb / 8P
12-Bit, 10MHz, Low-Power Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
16-Bit, 10MHz Sampling A/D Converters
ADS-945 MURATA-PS-ADS-945 Datasheet
170Kb / 8P
14-Bit, 10MHz Sampling A/D Converters
ADS-947 MURATA-PS-ADS-947 Datasheet
216Kb / 8P
14-Bit, 10MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com