Electronic Components Datasheet Search
  English  ▼

X  

ADS929 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ADS929
Description  14-Bit, 2MHz, Low-Power Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS929 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ADS929 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS929 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS929 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS929 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS929 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS929 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS929 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS929 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
®
®
ADS-929
3
+25°C
0 to +70°C
–55 to +125°C
ANALOG OUTPUT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
Internal Reference
Voltage
+9.95
+10.0
+10.05
+9.95
+10.0
+10.05
+9.95
+10.0
+10.05
Volts
Drift
—
±5
—
—
±5
—
—
±5
—
ppm/°C
External Current
—
—
1.5
—
—
1.5
—
—
1.5
mA
DIGITAL OUTPUTS
Logic Levels
Logic "1"
+2.4
—
—
+2.4
—
—
+2.4
—
—
Volts
Logic "0"
—
—
+0.4
—
—
+0.4
—
—
+0.4
Volts
Logic Loading "1"
—
—
–4
—
—
–4
—
—
–4
mA
Logic Loading "0"
—
—
+4
—
—
+4
—
—
+4
mA
Delay, Falling Edge of EOC
to Output Data Valid
—
—
35
—
—
35
—
—
35
ns
Output Coding
Offset Binary
POWER REQUIREMENTS, ±15V
Power Supply Ranges
+15V Supply
+14.5
+15.0
+15.5
+14.5
+15.0
+15.5
+14.5
+15.0
+15.5
Volts
–15V Supply
–14.5
–15.0
–15.5
–14.5
–15.0
–15.5
–14.5
–15.0
–15.5
Volts
+5V Supply
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
Volts
Power Supply Currents
+15V Supply
—
+45
+55
—
+45
+55
—
+45
+55
mA
–15V Supply
—
–43
–50
—
–43
–50
—
–43
–50
mA
+5V Supply
—
+80
+90
—
+80
+90
—
+80
+90
mA
Power Dissipation
—
1.7
1.9
—
1.7
1.9
—
1.7
1.9
Watts
Power Supply Rejection
—
—
±0.01
—
—
±0.01
—
—
±0.01
%FSR/%V
POWER REQUIREMENTS, ±12V
Power Supply Ranges
+12V Supply
+11.5
+12.0
+12.5
+11.5
+12.0
+12.5
+11.5
+12.0
+12.5
Volts
–12V Supply
–11.5
–12.0
–12.5
–11.5
–12.0
–12.5
–11.5
–12.0
–12.5
Volts
+5V Supply
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
+4.75
+5.0
+5.25
Volts
Power Supply Currents
+12V Supply
—
+45
+55
—
+45
+55
—
+45
+55
mA
–12V Supply
—
–43
–50
—
–43
–50
—
–43
–50
mA
+5V Supply
—
+80
+90
—
+80
+90
—
+80
+90
mA
Power Dissipation
—
1.4
1.6
—
1.4
1.6
—
1.4
1.6
Watts
Power Supply Rejection
—
—
±0.01
—
—
±0.01
—
—
±0.01
%FSR/%V
TECHNICAL NOTES
1. Obtaining fully specified performance from the ADS-929
requires careful attention to pc-card layout and power
supply decoupling. The device's analog and digital ground
systems are connected to each other internally. For
optimal performance, tie all ground pins (14, 19 and 23)
directly to a large analog ground plane beneath the
package.
Bypass all power supplies, as well as the REFERENCE
OUTPUT (pin 21), to ground with 4.7µF tantalum capaci-
tors in parallel with 0.1µF ceramic capacitors. Locate the
bypass capacitors as close to the unit as possible. If the
user-installed offset and gain adjusting circuit shown in
Figure 2 is used, also locate it as close to the ADS-929 as
possible.
2. The ADS-929 achieves its specified accuracies without the
need for external calibration. If required, the device's small
initial offset and gain errors can be reduced to zero using
the input circuit of Figure 2. When using this circuit, or any
similar offset and gain-calibration hardware, make adjust-
ments following warmup. To avoid interaction, always adjust
offset before gain.
3. When operating the ADS-929 from ±12V supplies, do not
drive external circuitry with the REFERENCE OUTPUT. The
reference's accuracy and drift specifications may not be
met, and loading the circuit may cause accuracy errors
within the converter.
4. Applying a start convert pulse while a conversion is in
progress (EOC = logic "1") initiates a new and inaccurate
conversion cycle. Data for the interrupted and subsequent
conversions will be invalid.
6.02
(SNR + Distortion) – 1.76 +
20 log
Full Scale Amplitude
Actual Input Amplitude
 Effective bits is equal to:
 This is the time required before the A/D output data is valid after the analog input
is back within the specified range.
Footnotes:
Œ All power supplies must be on before applying a start convert pulse. All supplies
and the clock (START CONVERT) must be present during warmup periods. The
device must be continuously converting during this time. There is a slight
degradation in performance when using ±12V supplies.
 See Ordering Information for 0 to +10V input range. Contact DATEL for availability
of other input voltage ranges.
Ž A 2MHz clock with a 200ns wide start convert pulse is used for all production
testing. See Timing Diagram for more details.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com