Electronic Components Datasheet Search
  English  ▼

X  

ADS929 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ADS929
Description  14-Bit, 2MHz, Low-Power Sampling A/D Converters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS929 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ADS929 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS929 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS929 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS929 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS929 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS929 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS929 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS929 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
®
®
ADS-929
4
CALIBRATION PROCEDURE
(Refer to Figures 2 and 3)
Any offset and/or gain calibration procedures should not be
implemented until devices are fully warmed up. To avoid
interaction, offset must be adjusted before gain. The ranges of
adjustment for the circuit of Figure 2 are guaranteed to
compensate for the ADS-929's initial accuracy errors and may
not be able to compensate for additional system errors.
All fixed resistors in Figure 2 should be metal-film types, and
multiturn potentiometers should have TCR’s of 100ppm/°C or
less to minimize drift with temperature.
A/D converters are calibrated by positioning their digital outputs
exactly on the transition point between two adjacent digital
output codes. This can be accomplished by connecting LED's
to the digital outputs and adjusting until certain LED's "flicker"
equally between on and off. Other approaches employ digital
comparators or microcontrollers to detect when the outputs
change from one code to the next.
For the ADS-929, offset adjusting is normally accomplished at
the point where the MSB is a 1 and all other output bits are 0's
and the LSB just changes from a 0 to a 1. This digital output
transition ideally occurs when the applied analog input is
+½ LSB (+305µV).
Gain adjusting is accomplished when all bits are 1's and the
LSB just changes from a 1 to a 0. This transition ideally occurs
when the analog input is at +full scale minus 1½ LSB's
(+4.999085V).
INPUT VOLTAGE
ZERO ADJUST
GAIN ADJUST
RANGE
+½ LSB
+FS –1½ LSB
±5V
+305µV
+4.999085V
Table 1. Zero and Gain Adjust
OUTPUT CODING
INPUT RANGE
BIPOLAR
MSB
LSB
±5V
SCALE
11 1111 1111 1111
+4.99939
+FS –1 LSB
11 1000 0000 0000
+3.75000
+3/4 FS
11 0000 0000 0000
+2.50000
+1/2FS
10 0000 0000 0000
0.00000
0
01 0000 0000 0000
–2.50000
–1/2FS
00 1000 0000 0000
–3.75000
–3/4FS
00 0000 0000 0001
–4.99939
–FS +1 LSB
00 0000 0000 0000
–5.00000
–FS
Table 2. Output Coding
Figure 3. Typical ADS-929 Connection Diagram
Zero/Offset Adjust Procedure
1. Apply a train of pulses to the START CONVERT input
(pin 16) so the converter is continuously converting. If using
LED's on the outputs, a 200kHz conversion rate will reduce
flicker.
2. Apply +305µV to the ANALOG INPUT (pin 20).
3. Adjust the offset potentiometer until the output bits are
a 1 and all 0's and the LSB flickers between 0 and 1.
Gain Adjust Procedure
1. Apply +4.999085V to the ANALOG INPUT (pin 20).
2. Adjust the gain potentiometer until the output bits are all 1's
and the LSB flickers between 1 and 0.
Figure 2. ADS-929 Calibration Circuit
Coding is offset binary; 1LSB = 610µV.
13
ADS-929
14
20
16
18
17
12
11
10
9
8
7
6
5
4
3
2
1
15
BIT 1 (MSB)
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12
BIT 13
BIT 14 (LSB)
EOC
ANALOG
INPUT
START
CONVERT
19, 23
22
24
0.1µF
4.7µF
+5V
0.1µF
4.7µF
0.1µF
4.7µF
+
+
–12V/–15V
+12V/+15V
+
0.1µF
+
4.7µF
21 +10V REF. OUT
–5V to +5V
DIGITAL
GROUND
ANALOG
GROUND
To Pin 20
of ADS-929
–15V
SIGNAL
INPUT
GAIN
ADJUST
1.98k
Ω
50
Ω
+15V
2k
Ω
200k
Ω
20k
Ω
–15V
+15V
ZERO/
OFFSET
ADJUST



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com