Electronic Components Datasheet Search
  English  ▼

X  

ADS-950MM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ADS-950MM
Description  18-Bit, 500kHz, Low-Power Sampling A/D Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-950MM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ADS-950MM Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-950MM Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-950MM Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-950MM Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-950MM Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-950MM Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ADS-950
5
®®
Figure 3. ADS-950 Timing Diagram
Figure 2. Typical ADS-950 Connection Diagram
S c al e i s appr o x i m a t e l y 1 00ns per di v i s i on.
ST AR T
CO NV E R T
I N T E RNA L S /H
N
N+ 1
1000ns t y p.
A c qui s i t i on T i m e
5ns t y p.
EO C
OU T P U T
DA T A
D a ta N - 2 V a l i d
1980ns t y p.
Ho l d
20ns t y p .
20ns
N
N
800ns t y p .
810ns t y p .
65ns t y p .
C o nv er s i on T i m e
800ns t y p .
D a ta N - 1 V a l i d
3
11
ADS - 9 5 0
10
2
1
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
BI T 1 ( M SB)
BI T 2
BI T 3
BI T 4
BI T 5
BI T 6
BI T 7
BI T 8
BI T 9
BI T 1 0
BI T 1 1
BI T 1 2
BI T 1 3
BI T 1 4
BI T 1 5
BI T 1 6
BI T 1 7
BI T 1 8 ( L SB )
+ 5 V
AN AL O G
15
AN AL O G
GR OU N D
AN AL O G
GR OU N D
DI G I T A L
GR OU N D
0. 1µF
10µF
0. 1µF
+
10µF
+5 V
RE F . O UT
C O M PEN SAT I O N
47µF
14
13
5
7
ST AR T C O N VER T
+5 V
D I G I T A L
GA I N
AD J U ST
6
16
0. 1µF
10µF
12
9
0. 1µF
10µF
8
0. 1µF
10µF
0. 1µF
10µF
+
+
EO C
– 5 V
AN AL O G
+ 15V
–15V
AN AL O G
I N P U T
4
P i n 5 ( A D S - 951)
10k
9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com