Electronic Components Datasheet Search
  English  ▼

X  

ADS-950MM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ADS-950MM
Description  18-Bit, 500kHz, Low-Power Sampling A/D Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-950MM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ADS-950MM Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-950MM Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-950MM Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-950MM Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-950MM Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-950MM Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
· 18-bit resolution
· 500kHz minimum sampling rate
· No missing codes over full military temperature range
· Very low power, 1.45 Watts
· Small, 32-pin, side-brazed, ceramic TDIP
· Edge-triggered
· Excellent performance
· Ideal for both time and frequency-domain applications
· Low cost
operating temperature ranges. A proprietary, auto-calibrating,
error-correcting circuit enables the device to achieve specified
performance over the full military temperature range.
PRELIMINARY PRODUCT DATA
ADS-950
18-Bit, 500kHz, Low-Power
Sampling A/D Converters
GENERAL DESCRIPTION
The low-cost ADS-950 is an 18-bit, 500kHz sampling A/D
converter. This device accurately samples full-scale input
signals up to Nyquist frequencies with no missing codes. This
feature, combined with excellent signal-to-noise ratio (SNR)
and total harmonic distortion (THD), makes the ADS-950 the
ideal choice for both time-domain (medical imaging, scanners,
process control) and frequency-domain (radar, telecommunica-
tions, spectrum analysis) applications.
Packaged in a 32-pin, side-brazed, metal-sealed, ceramic
TDIP, the functionally complete ADS-950 contains a fast-
settling sample-hold amplifier, a subranging (two-pass) A/D
converter, an internal reference, timing/control logic, and error-
correction circuitry. Digital input and output levels are TTL, and
the ADS-950 only requires the rising edge of the start convert
pulse to operate.
Requiring ±15V and ±5V supplies, the ADS-950 typically
dissipates 1.45 Watts. The device is offered with a bipolar
(±5V) analog input range. Models are available for use in
either commercial (0 to +70°C) or military (–55 to +125°C)
INPUT/OUTPUT CONNECTIONS
Figure 1. ADS-950 Functional Block Diagram
1
BIT 2
32
BIT 3
2
BIT 1 (MSB)
31
BIT 4
3
ANALOG GROUND
30
BIT 5
4
ANALOG INPUT
29
BIT 6
5
+5V REFERENCE OUT
28
BIT 7
6
GAIN ADJUST
27
BIT 8
7
COMPENSATION
26
BIT 9
8
–15V SUPPLY
25
BIT 10
9
+15V SUPPLY
24
BIT 11
10
+5V ANALOG SUPPLY
23
BIT 12
11
–5V ANALOG SUPPLY
22
BIT 13
12
ANALOG GROUND
21
BIT 14
13
DIGITAL GROUND
20
BIT 15
14
+5V DIGITAL SUPPLY
19
BIT 16
15
EOC
18
BIT 17
16
START CONVERT
17
BIT 18 (LSB)
PIN
FUNCTION
PIN
FUNCTION
DATEL, Inc., Mansfield, MA 02048 (USA)
· Tel: (508) 339-3000, (800) 233-2765 Fax: (508) 339-6356 · Email: sales@datel.com · Internet: www.datel.com
®®
REF
DAC
2
BIT 1 (MSB)
1
BIT 2
32 BIT 3
31 BIT 4
30 BIT 5
29 BIT 6
28 BIT 7
27 BIT 8
26 BIT 9
25 BIT 10
24 BIT 11
23 BIT 12
22 BIT 13
21 BIT 14
20 BIT 15
19 BIT 16
18 BIT 17
17 BIT 18 (LSB)
TIMING AND
CONTROL LOGIC
ANALOG INPUT 4
START CONVERT 16
EOC 15
–
+
S/H
BUFFER
FLASH
ADC
1
FLASH
ADC
2
5
AMP
GAIN
CIRCUIT
COMPENSATION 7
+5V REFERENCE OUT 5
10
+5V ANALOG
SUPPLY
11
–5V ANALOG
SUPPLY
3, 12
ANALOG
GROUND
14
+5V DIGITAL
SUPPLY
9
+15V
SUPPLY
8
–15V
SUPPLY
13
DIGITAL
GROUND
GAIN ADJUST 6


Similar Part No. - ADS-950MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
DATEL, Inc.
ADS-951GC DATEL-ADS-951GC Datasheet
108Kb / 1P
Sampling A/D Converters
ADS-951GC DATEL-ADS-951GC Datasheet
107Kb / 1P
Sampling A/D Converters
ADS-951GC DATEL-ADS-951GC Datasheet
107Kb / 1P
Sampling A/D Converters
More results

Similar Description - ADS-950MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS-926 ETC-ADS-926 Datasheet
151Kb / 8P
14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-916 ETC-ADS-916 Datasheet
187Kb / 8P
14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
16-Bit, 500kHz Sampling A/D Converters
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-916 MURATA-PS-ADS-916 Datasheet
189Kb / 8P
14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-926 MURATA-PS-ADS-926 Datasheet
153Kb / 8P
14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
500kHz, 14-Bit Sampling A/D Converters
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
16-Bit, 500kHz Sampling A/D Converters
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
18-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-953 MURATA-PS-ADS-953 Datasheet
141Kb / 6P
18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com