Electronic Components Datasheet Search
  English  ▼

X  

WM8232 Datasheet(PDF) 90 Page - Cirrus Logic

Part # WM8232
Description  105MSPS 3-Channel AFE with Sensor
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8232 Datasheet(HTML) 90 Page - Cirrus Logic

Back Button WM8232 Datasheet HTML 86Page - Cirrus Logic WM8232 Datasheet HTML 87Page - Cirrus Logic WM8232 Datasheet HTML 88Page - Cirrus Logic WM8232 Datasheet HTML 89Page - Cirrus Logic WM8232 Datasheet HTML 90Page - Cirrus Logic WM8232 Datasheet HTML 91Page - Cirrus Logic WM8232 Datasheet HTML 92Page - Cirrus Logic WM8232 Datasheet HTML 93Page - Cirrus Logic WM8232 Datasheet HTML 94Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 141 page
background image
WM8232
90
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
11_1110 = reserved
11_1111 = reserved
Register 90h CLK5 fall
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R145 (91h)
CLK6 rise
5:0
CLK6_RISE[5:0]
00_1010
CLK6 rise edge
00_0000 = tap0
00_0001 = tap1
…
11_1011 = tap59
11_1100 = reserved
11_1101 = reserved
11_1110 = reserved
11_1111 = reserved
Register 91h CLK6 rise
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R146 (92h)
CLK6 fall
5:0
CLK6_FALL[5:0]
10_1000
CLK6 fall edge
00_0000 = tap0
00_0001 = tap1
…
11_1011 = tap59
11_1100 = reserved
11_1101 = reserved
11_1110 = reserved
11_1111 = reserved
Register 92h CLK6 fall
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R160 (A0h)
TG config 1
7:4
OFFSET[3:0]
0000
pixel counter offset (valid only in slave mode)
3
CYCMD
0
cycle mode enable
0 = normal (same operation at everyline)
1 = cycle mode
2
POLSYNC
0
polarity of tgync signal
0 = reset pixel counter at positive edge of tgsync
1 = reset pixel counter at negative edge of tgsync
1
TGMD
0
TG operation mode
0 = slave
1 = master
0
TG_EN
0
TG enable
0 = disable
1 = enable
Register A0h TG config 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com