Electronic Components Datasheet Search
  English  ▼

X  

MPS Datasheet(PDF) 2 Page - Littelfuse

Part # MPS
Description  Display metered values
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MPS Datasheet(HTML) 2 Page - Littelfuse

  MPS Datasheet HTML 1Page - Littelfuse MPS Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Protection Relays and Controls
© 2017 Littelfuse Protection Relays & Controls
Littelfuse.com/mps
Motor Protection–Advanced
PHASE
VOLTAGES
MPS-CTU
CONTROL UNIT
RELAY
OUTPUTS
I/0 MODULE
DIGITAL
INPUTS
4-20 mA
ANALOG
INPUT
+
ANALOG
OUTPUT
4-20 mA
+
39
40
53
52
43
51
......
5
16
......
1
2
60
56
20
17
......
33
22
CONTROL
POWER
RS-485
35
37
......
30 29
27
26
23
22
PHASE CURRENT
TRANFORMERS
GROUND-FAULT
CURRENT
TRANSFORMER
OPERATOR
INTERFACE
MPS-OPI
(recommended)
(required)
(required)
MPS-RTD
RTD MODULE
(optional)
(optional)
MPS-DIF
DIFFERENTIAL
MODULE
Wiring Diagram
A
B
C
D
1
2
Specifications
Protective Functions
(IEEE Device Numbers)
Input Voltage
65-265 Vac, 25 VA; 80-275 Vdc, 25 W
Power-Up Time
800 ms at 120 Vac
Ride-Through Time
100 ms minimum
24-Vdc Source
100 mA maximum
AC Measurements
True RMS and DFT, Peak, 16 samples/cycle, and
positive and negative sequence of fundamental
Frequency
50, 60 Hz or ASD
Inputs
Phase current, Earth-leakage current, Phase voltage,
7 digital, tachometer, 1 analog
Output Contacts
5 contacts — See Product Manual
Approvals
CSA Certified, RCM (Australian), UL Recognized
Communications
Allen-Bradley® DFI and Modbus® RTU (Standard);
DeviceNet™, Profibus®, Ethernet (Optional)
Conformally Coated
Standard feature
Warranty10 years
Mounting
(Control Unit)
Surface
(Operator Interface)
Panel, Control-Unit mounted
Overload (49, 51)
Phase reverse (current) (46)
Overfrequency (81)
Overcurrent (50, 51)
Jam
Underfrequency (81)
Ground fault (50G/N,
51G/N)
Undercurrent (37)
Unbalance (voltage) (47)
Failure to accelerate
RTD temperature (38, 49)
Unbalance (current) (46)
Underspeed (14)
Starts per hour (66)
Phase loss (voltage) (47)
Overvoltage (59)
Differential (87)
Phase loss (current) (46)
Undervoltage (27)
Phase reverse (voltage) (47)
Power factor (55)
Features & Benefits
FEATURES
IEEE #
BENEFITS
Overload
49, 51
Extends motor life and prevents insulation failures and fires
Current unbalance/
Phase loss/Phase reverse
46
Prevents overheating and extends motor life
Overcurrent/Jam
50, 51
Prevents catastrophic failures and fires and extends motor life
Undercurrent
37
Detects low-level or no-load conditions
Ground fault
50G/N, 51G/N
Prevents catastrophic failures and fires
RTD temperature
38, 49
Optional RTD temperature protection (MPS-RTD module) for
high ambient or loss of ventilation protection
Overvoltage
59
Prevents stress to insulation
Undervoltage
27
Prevents a start attempt when it will damage the motor
Voltage unbalance
47
Detects unhealthy supply voltage
Phase differential
87
Provides sensitive protection for high-resistance winding faults
Dynamic thermal mode
Provides protection through starting, running, overload, and cooling cycles
Reduced overcurrent mode
Minimizes Arc-Flash hazards during maintenance
Starter control
Simplifies the installation by reducing component count
Metering
Displays the measured and calculated motor parameters
Data logging
On-board 64-event recorder helps with system diagnosis
Communications
Remotely view measured values, event records & reset trips
Conformal coating
Internal circuits are conformally coated to protect against corrosion and moisture
MPS SERIES (PGR-6300)
Motor Protection System
Rev: 4-B-061517
Based on Manual Rev: 6-F-022117



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com