Electronic Components Datasheet Search
  English  ▼

X  

MPS Datasheet(PDF) 1 Page - Littelfuse

Part # MPS
Description  Display metered values
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MPS Datasheet(HTML) 1 Page - Littelfuse

  MPS Datasheet HTML 1Page - Littelfuse MPS Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Protection Relays and Controls
© 2017 Littelfuse Protection Relays & Controls
Littelfuse.com/mps
PHASE CT
PHASE CT
GF CT
PHASE CT
MPU-CIM
MPS-RTD
RTD x 8
L2
L1
MPU-32
M
(Current Input Module)
(Motor Protection Relay)
PHASE CT
PHASE CT
GF CT
PHASE CT
L2
MPS-CTU
L1
M
MPS-RTD
MPS-OPI
RTD x 8
(Control Unit)
(Temperature
Input Module)
(Temperature
Input Module)
(Operator Interface)
Motor Protection–Advanced
MPS SERIES (PGR-6300)
Motor Protection System
1
2
Description
The MPS Motor Protection System monitors voltage, current,
and temperature to provide a comprehensive package of
22 protective functions.The MPS is a modular system with
integrated protection, motor control, metering, and data-logging
functions.This system is typically used to provide protection for
three-phase low- and medium-voltage, medium-
to high-horsepower induction motors.
Operator Interface (MPS-OPI)
g
Large, bright, 4 x 20 vacuum-fluorescent display
g
Display metered values
g
Access set points
g
Powered by Control Unit
g
Panel mount or attach directly to Control Unit
g
Remote mounting (1.2 km or 4000 ft maximum loop length)
g
1/2 DIN size
g
Hazardous-location certified
Control Unit (MPS-CTU)
g
Current inputs—5-A or 1-A secondary phase current transformers
g
Voltage inputs—up to 600 V without PTs
g
Earth-leakage input—5-A or 1-A secondary or sensitive transformer
g
Tachometer (high-speed pulse) input
g
8 digital inputs, 5 relay outputs, 1 analog input and output
g
24-Vdc supply for OPI and RTD modules, and for digital inputs
g
IRIG-B time-code input
g
1/2 DIN size, surface mount
g
RS-485 network communications (Standard)
g
DeviceNet™, Profibus®, or Ethernet communications available
1
2
Phase CurrentTransformers
Phase CTs are required to detect phase
currents.
Ground-Fault CurrentTransformer
Required zero-sequence current transformer
detects ground-fault current. Available with 5-A
and 30-A primary ratings for low-level pickup.
MPS-RTDTemperature Input Module
Optional module provides 8 inputs to connect
Pt100, Ni100, Ni120, and Cu10 RTDs.
MPS-DIF Differential Current Module
Optional motor differential protection,
compatible with core balance and summation
current transformer connections.
B
C
Accessories
A
ACCESSORIES
REQUIREMENT
MPS-OPI-01-00
Recommended
Phase CTs
Required
Ground-Fault CT
Recommended
MPS-RTD-01-00
Optional
MPS-DIF-01-00
Optional
SE-IP65CVR-M
Optional
1
2
ORDERING NUMBER
COMMUNICATIONS
MPS-CTU-01-00
RS-485
MPS-CTU-02-00
RS-485 & DeviceNet™
MPS-CTU-03-00
RS-485 & Profibus®
MPS-CTU-04-00
RS-485 & EtherNet
/IP™ & Modbus® TCP
Ordering Information
Simplified Circuit Diagram
B
C
A
D
Rev: 4-B-061517
Based on Manual Rev: 6-F-022117


Similar Part No. - MPS

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
C&K Components
MPS CK-COMPONENTS-MPS Datasheet
276Kb / 5P
Magnetic Proximity Sensors
MPS CK-COMPONENTS-MPS Datasheet
188Kb / 2P
Magnetic Proximity Sensors
logo
Neutrik AG
MPS NEUTRIK-MPS Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
logo
Littelfuse
MPS LITTELFUSE-MPS Datasheet
165Kb / 2P
terminations and adapt ers
May 2012
More results

Similar Description - MPS

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM50GP60 EUPEC-BSM50GP60 Datasheet
135Kb / 12P
Hochstzulassige Werte / Maximum rated values
FZ1600R17KF6B2 EUPEC-FZ1600R17KF6B2 Datasheet
90Kb / 8P
Hochstzulassige Werte / Maximum rated values
logo
Infineon Technologies A...
FS50R12KE3 INFINEON-FS50R12KE3 Datasheet
185Kb / 10P
H철chstzul채ssige Werte / maximum rated values
2002-09-03
FS30R06XL4 INFINEON-FS30R06XL4 Datasheet
239Kb / 10P
H철chstzul채ssige Werte / maximum rated values
2002-12-17 revision:2.0
logo
Ohmite Mfg. Co.
RES-60S OHMITE-RES-60S Datasheet
324Kb / 2P
Custom values available
RES-CS3 OHMITE-RES-CS3 Datasheet
328Kb / 2P
Values beginning at 1 miliohm
logo
TE Connectivity Ltd
RL73 TEC-RL73 Datasheet
177Kb / 5P
Values down to R10
logo
PHOENIX CONTACT
EMD-FL-V-300 PHOENIX-EMD-FL-V-300 Datasheet
156Kb / 8P
Adjustable threshold values
EMD-SL-3V-400-N PHOENIX-EMD-SL-3V-400-N Datasheet
139Kb / 6P
Adjustable threshold values
logo
Pepperl+Fuchs Inc.
KFD2-UFC-EX1.D PF-KFD2-UFC-EX1.D Datasheet
1Mb / 6P
Frequency Converter with Trip Values
2022-01-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com