Electronic Components Datasheet Search
  English  ▼

X  

BA5817FM Datasheet(PDF) 1 Page - LSI Computer Systems

Part # BA5817FM
Description  IC for CD Players
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

BA5817FM Datasheet(HTML) 1 Page - LSI Computer Systems

  BA5817FM Datasheet HTML 1Page - LSI Computer Systems BA5817FM Datasheet HTML 2Page - LSI Computer Systems BA5817FM Datasheet HTML 3Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
Features
Applications
CD players, DVD-RW players, Other optical DISC appliances
Dimension (Unit : mm)
∗Derating : 17.6mW/˚C for operation above Ta=25˚C
∗On less than 3%(percentage occupied by copper foil), PCB (70mmx70mm, t=1.6mm) glass epoxy mounting.
March, 2004
03W200A
HSOP-M28
18.5
± 0.2
28
15
1
14
0.35
± 0.1
5.15
± 0.1
0.8
0.25
± 0.1
16.0
± 0.2
0.1 S
0.08 M
BA5817FM
IC for CD Players
Absolute Maximum Ratings (Ta=25˚C)
Parameter
Symbol
Limits
Unit
PREVcc
POWVcc
Pd
Topr
Tstg
13.5
2.2
+85
+150
–40
–55
~
~
W
˚C
˚C
V
PREVcc
POWVcc
13.2
—
4.3
PREVcc
V
Recommended Operating Conditions (Ta=25˚C)
Parameter
Min.
Max.
Unit
Typ.
Symbol
∗
Power supply voltage
Power supply voltage
Power dissipation
Operating temperature range
Storage temperature range
BA5817FM is a 5-channel motor driver. 4 channels are
BTL drivers and 1 channel is a reversible DC motor driver.
2 channels of BTL driver incorporate standard operational
amplifier in pre-driver. Output voltage can be set by
output voltage control pin in reversible DC motor driver.
Brake function is incorporated.
1) Space saving by power save terminal
2) High-efficient driving due to independent power supply
for Pre Vcc and Pow Tr (CH 2 and CH 1,3,4)
3) Wide dynamic range
4) Built-in thermal shutdown circuit


Similar Part No. - BA5817FM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5810FM ROHM-BA5810FM Datasheet
115Kb / 9P
CD / CD-ROM ?ⓦ깋?⒲궎?륤C
BA5810FM-E2 ROHM-BA5810FM-E2 Datasheet
283Kb / 3P
5 Channel Drivers/Regulator for car Mini Disk
BA5810FP ROHM-BA5810FP Datasheet
115Kb / 9P
CD / CD-ROM ?ⓦ깋?⒲궎?륤C
BA5810FP-E2 ROHM-BA5810FP-E2 Datasheet
283Kb / 3P
5 Channel Drivers/Regulator for car Mini Disk
BA5811FM ROHM-BA5811FM Datasheet
294Kb / 2P
5 Channel Driver for CD/CD-ROM
More results

Similar Description - BA5817FM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6354BFS ROHM-BA6354BFS Datasheet
124Kb / 7P
Front end for CD players
BA6386K ROHM-BA6386K Datasheet
214Kb / 13P
Preservo amplifier for CD players
BA6387K ROHM-BA6387K Datasheet
153Kb / 13P
Preservo amplifier for CD players
logo
Sony Corporation
CXA2521Q SONY-CXA2521Q Datasheet
742Kb / 17P
RF Amplifier for CD Players
logo
Sanyo Semicon Device
LV1605M SANYO-LV1605M Datasheet
246Kb / 24P
Monolithic Linear IC Analog Signal Processor for CD Players
logo
Rohm
BA5962FVM ROHM-BA5962FVM_1 Datasheet
251Kb / 7P
Power Driver For CD Players
BA5961FV ROHM-BA5961FV_2 Datasheet
86Kb / 6P
Power Driver For CD Players
BA5962FVM ROHM-BA5962FVM_2 Datasheet
84Kb / 6P
Power Driver For CD Players
logo
Sanyo Semicon Device
LA6541NH SANYO-LA6541NH Datasheet
91Kb / 9P
For CD Players and Recorders Four-Channel Driver IC
LA6548NH SANYO-LA6548NH Datasheet
90Kb / 7P
For CD Players and Recorders Four-Channel Driver IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com