Electronic Components Datasheet Search
  English  ▼

X  

BA5817FM Datasheet(PDF) 2 Page - LSI Computer Systems

Part # BA5817FM
Description  IC for CD Players
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

BA5817FM Datasheet(HTML) 2 Page - LSI Computer Systems

  BA5817FM Datasheet HTML 1Page - LSI Computer Systems BA5817FM Datasheet HTML 2Page - LSI Computer Systems BA5817FM Datasheet HTML 3Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
∗This product is not designed for protection against radioactive rays.
Application Circuit
Icc
-
-
3.6
13.2
22.9
1.65
4.0
15.0
34
2.8
-
16.8
mA
mA
V
dB
IPS
VOM
GVC
<BTL driver(CH1)>
When no load, RL=
∞
"H" output vs. input (LDCNT)
PS="L"
Electrical characteristics
8.0
18.4
9.0
20.2
-
22.0
V
dB
VOM
GVC
<BTL driver(CH2)>
3.6
17.2
4.0
19.0
-
20.8
V
dB
VOM
GVC
<BTL driver(CH3,4)>
7.4
9.2
11
dB
GVH
<Loading driver>
Symbol
Min.
Max.
Unit
Conditions
Typ.
Parameter
(Unless otherwise noted: Ta=25˚C, PREVcc=12V, POWVcc2=12V, POWVcc134=5V, BIAS=1.25V, RL=8
Ω)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
13
14
BIAS
FOCUS IN
TRACKING IN
M
M
LOADING
INPUT
LOADING
VOLTAGE
CONTROL
PS
STEPPING
INPUT
PREVCC
=12V
POWVCC
=5V
LOADING
TILT
TRACKING
POWVCC
=5V
'L'
→MUTE
MUTE
7.5k
16k
16k
10k
6k
15k
POWVCC134
(CH1,CH3,CH4)
10k
10k
10k
10k
10k
10k
10k
10k
LEVEL
SHIFT
10k
10k
10k
10k
10k
10k
10k
10k
LEVEL
SHIFT
LEVEL
SHIFT
LEVEL
SHIFT
7.5k
7.5k
POWER
SAVE
LOADING PRE
FWD REV
X3
CH1~
CH4
MUTE
POWVCC2
(CH2)
PREVCC
(PRE,LOADING)
FOCUS
SLED
4
5
6
7
8
9
10
11
12
1
2
3
BA5817FM
Current at power save mode
Voltage gain
Voltage gain
Maximum output amplitude
Maximum output amplitude
Voltage gain
Maximum output amplitude
Output "H" voltage variable gain
Circuit current at no signal



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com